Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL46 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL46
Description  Small Signal Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL46 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL46 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL46 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LL46 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For general purpos e applications
Thes e diodes features very low turn-on voltage
and fas t s witching. Thes e devices are protected
Cas e:JEDEC MINI-MELF,glass case
Symbol
VR
IF
IFRM
IFSM
Ptot
Thermal resistance juntion to ambient air
RθJA
TJ
TA
TSTG
Min.
UNITS
100.0
V
Weight: Approx. 0.031 grams
VR = 0V,f=1MHz
VR = 10V,Tj=60
IR
VF
Junction tenperature
Ambient operating temperature range
Storage temperature range
Reverse breakdow n voltage
Repetitive peak reverse voltage
Forw ard continuius current
@ tamb=25
Repetitive peak forw ard current @ tp<1s, <=0.5,TA=25
15.0
5.0
0.25
0.45
IF = 250m A
1.0
VR = 75V,Tj=60
IF = 0.1m A
IF = 10m A
20.0
V
mA
mA
mW
mA
voltage, s uch as electrostatic dis charges
Pow er dissipation1)
@ TA=65
Thes e diodes is ls o available in the SOD - 123 cas e
with type des ignation BAT46W and in the
DO-35
cas e wyht type des ignations BAT46
Surge forw ard current
@ tp<10ms,TA=25
Parameter
ABSOLUTE RATINGS
UNITS
Polarity: Color band denotes cathode
Value
300
1)
125
100.0
1501)
3501)
1501)
7501)
2.0
c-65 ---+ 150
ELECTRICAL CHARACTERISTICS
Parameter
Test Condition
Typ.
Symbol
by a PN junction guard ring against exces s ive
VOLT AGE RANGE: 100 V
CURRENT: 0.15 A
MINI-MELF
VR
IR = 100 A(pulsed)
/
W
Max.
c-65 ---+ 125
VR = 50V
VR = 50V,Tj=60
VR = 75V
Leakage current
pulse test tp<300 s, <2%
0.5
5.0
0.8
VR = 10V
VR = 1.5V,Tj=60
1) Valid prov ided that leads at a distance of 4mm f rom case are kept at ambient temperature
VR = 1.5V
a
A
V
7.5
Forw ard voltage
pulse test tp<300 s, <2%
VR = 1V,f=1MHz
6
pF
10
CJ
Junction capacitance
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
Dimensions in millimeters
LL46
Small Signal Schottky Diode
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - LL46

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL46 DIODES-LL46 Datasheet
49Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30074 Rev. A-2
logo
General Semiconductor
LL46 GE-LL46 Datasheet
42Kb / 2P
   Schottky Diodes
logo
Vishay Siliconix
LL46 VISHAY-LL46 Datasheet
138Kb / 5P
   Small Signal Schottky Diode
Rev. 1.4, 21-Nov-06
logo
SynSemi, Inc.
LL46 SYNSEMI-LL46 Datasheet
28Kb / 1P
   SCHOTTKY BARRIER DIODE
logo
GOOD-ARK Electronics
LL46 GOOD-ARK-LL46 Datasheet
60Kb / 1P
   Small-Signal Diode Schottky Diode
More results

Similar Description - LL46

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com