Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

008017323003 Datasheet(PDF) 5 Page - AVX Corporation

Part # 008017323003
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

008017323003 Datasheet(HTML) 5 Page - AVX Corporation

  008017323003 Datasheet HTML 1Page - AVX Corporation 008017323003 Datasheet HTML 2Page - AVX Corporation 008017323003 Datasheet HTML 3Page - AVX Corporation 008017323003 Datasheet HTML 4Page - AVX Corporation 008017323003 Datasheet HTML 5Page - AVX Corporation 008017323003 Datasheet HTML 6Page - AVX Corporation 008017323003 Datasheet HTML 7Page - AVX Corporation 008017323003 Datasheet HTML 8Page - AVX Corporation 008017323003 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
18
Varicon®
Series 8016 – Rectangular Connector – 56 Contact
00
Prefix
8016
Series
Number
056
Number of
Contacts
217
601
See table
below
ORDERING CODE
PLUG - ACTUATING SCREW
PLUG – FIXED NUT
SOCKET - ACTUATING SCREW
SOCKET – FIXED NUT
PIN LAYOUT
56
Way
Contact Termination
*000 = Contacts not fitted and ordered separately,
see page 25 for full list of options
217 = Solder 0.098" x 2.49mm
218 = Wire Wrap –
0.025 x 0.050 x 0.567" / 0.64 x 1.27 x 14.4mm
296 = Wire Wrap –
0.025 x 0.026 x 0.579" / 0.64 x 0.66 x 14.7mm
504 = Solder Tail –
750 = Wire Wrap –
0.025 x 0.050 x 0.760" / 0.64 x 1.27 x 19.3mm
*Crimp contacts always ordered separately.
See page 25 for details.
56 CONTACTS
Insulator
Hardware
No
Actuating
Fixed
Body
Basic P/N*
Color
**Thread Cover
Screw
Nut
Type
Male
00 8016 056 000 XXX
Green
UNC
601
Y
N
Male
00 8016 056 000 XXX
Green
UNC
602
N
Y
Male
00 8016 056 000 XXX
Gray
UNC
001
Y
N
Male
00 8016 056 000 XXX
Gray
UNC
002
N
Y
Female
00 8016 056 000 XXX
Green
UNC
608
Y
N
Female
00 8016 056 000 XXX
Green
UNC
607
N
Y
Female
00 8016 056 000 XXX
Gray
UNC
008
Y
N
Female
00 8016 056 000 XXX
Gray
UNC
007
N
Y
*Select the column desired and replace the XXX with the numbers from column.
**United Course Thread
19.81
6.35
3.81
1.68
Ø3.79
Ø5.50
7.24
6 AT 3.30
= 19.81
6 AT 3.30
= 19.81
8 AT
1.90 = 15.24
11.89
±0.13
RECOMMENDED LAYOUT
FOR FRONT CHASSIS
MOUNTING & PCB LAYOUT
See page 26 for assembly tools.


Similar Part No. - 008017323003

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008017100217001 AVX-008017100217001 Datasheet
296Kb / 1P
   Series 8017
008017100217002 AVX-008017100217002 Datasheet
296Kb / 1P
   Series 8017
008017100217003 AVX-008017100217003 Datasheet
296Kb / 1P
   Series 8017
008017100217004 AVX-008017100217004 Datasheet
296Kb / 1P
   Series 8017
008017100217005 AVX-008017100217005 Datasheet
296Kb / 1P
   Series 8017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com