Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM4003-M Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FM4003-M
Description  1.0A Surface Mount General Purpose Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FM4003-M Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FM4003-M Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FM4003-M Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Tiny plastic SMD package.
High current capability.
High surge capability.
Glass passivated chip junction.
Mechanical data
Case : Molded plastic, SOD-123
FL
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.0
1gram
Maximum ratings
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
èJA
C
J
T
STG
A
A
uA
OC/W
OC
pF
1.0
30
5.0
+175
-65
60
FM4001-M
FM4002-M
FM4003-M
35
70
140
50
100
200
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
O
V
= V
T = 25 C
R
RRM
A
O
V
= V
T = 125 C
R
RRM
A
Junction to ambient
15
50
V
F
(V)
*4
FM4004-M
FM4005-M
280
420
400
600
1.10
-55 to +150
FM4006-M
FM4007-M
800
1000
560
700
Junction to case
30
R
èJC
50
100
200
400
600
800
1000
O
(C)
Operating
temperature
T,
J
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
FM4001-M - FM4007-M
1.0A Surface Mount General Purpose Rectifiers
SOD-123FL
Dimensions in inches and (millimeters)
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FM4003-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM4003-M FORMOSA-FM4003-M Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4003-M PACELEADER-FM4003-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Formosa MS
FM4003-M FORMOSA-FM4003-M Datasheet
98Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON TIFIER
FM4003-MH FORMOSA-FM4003-MH Datasheet
78Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4003-MH PACELEADER-FM4003-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results

Similar Description - FM4003-M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
ON Semiconductor
S1MFL ONSEMI-S1MFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
logo
Compact Technology Corp...
S2AA CTC-S2AA_15 Datasheet
61Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com