Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY251 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BY251
Description  3.0 AMP. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BY251 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BY251 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BY251 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
DO-201AD
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.2 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
BY251 BY252 BY253 BY254 BY255 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1300
V
Maximum RMS Voltage
VRMS
140
280
420
560
910
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1300
V
Maximum Average Forward Rectified
Current . 375 (9.5mm) Lead Length
@TA = 75
oC
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
100
uA
uA
Maximum Full Load Reverse Current, Full
Cycle Average .375”(9.5mm) Lead Length
@TL=75
HTIR
30
uA
Typical Junction Capacitance
( Note 1 )
Cj
40
pF
Typical Thermal Resistance ( Note 2 )
RθJA
40
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
2. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
BY251-BY255
3.0 AMP. Silicon Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BY251

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
BY251 TMT-BY251 Datasheet
173Kb / 4P
   3A, 200V - 800V Silicon Rectifiers
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Taiwan Semiconductor Co...
BY251 TSC-BY251 Datasheet
65Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Shenzhen Ping Sheng Ele...
BY251 PFS-BY251 Datasheet
207Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Diotec Semiconductor
BY251 DIOTEC-BY251 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - BY251

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
1N5408 YIXIN-1N5408 Datasheet
276Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
UNIOHM CORPORATION
1N5400 UNIOHM-1N5400 Datasheet
66Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
1N5400 GWSEMI-1N5400 Datasheet
65Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
1N5400 LUGUANG-1N5400 Datasheet
177Kb / 2P
   3.0 AMP. Silicon Rectifiers
logo
Bytes
1N5400 BYTES-1N5400 Datasheet
151Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1N5400 SECOS-1N5400_15 Datasheet
259Kb / 2P
   3.0 AMP Silicon Rectifiers
logo
Nanjing International G...
1N5400 DGNJDZ-1N5400 Datasheet
240Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Formosa MS
1N5400 FORMOSA-1N5400 Datasheet
32Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Bytes
BY251 BYTES-BY251 Datasheet
150Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
1N5400 LUGUANG-1N5400_17 Datasheet
1Mb / 2P
   3.0 AMP. Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com