Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

008016090296601 Datasheet(PDF) 8 Page - AVX Corporation

Part # 008016090296601
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

008016090296601 Datasheet(HTML) 8 Page - AVX Corporation

Back Button 008016090296601 Datasheet HTML 4Page - AVX Corporation 008016090296601 Datasheet HTML 5Page - AVX Corporation 008016090296601 Datasheet HTML 6Page - AVX Corporation 008016090296601 Datasheet HTML 7Page - AVX Corporation 008016090296601 Datasheet HTML 8Page - AVX Corporation 008016090296601 Datasheet HTML 9Page - AVX Corporation 008016090296601 Datasheet HTML 10Page - AVX Corporation 008016090296601 Datasheet HTML 11Page - AVX Corporation 008016090296601 Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
21
Varicon®
Series 8016 Covers
Part Number
For Size
Hardware
Cable
Clamp
Size
Threads
Entance
Type
mm (inches)
30 8016 9829 00 000
20
Metric
Side
Standard
11.53 (0.454) Dia
30 8016 9831 00 000
20
Metric
Top
Standard
11.53 (0.454) Dia
30 8016 0200 00 415
20
UNC
45
Standard
5 x 10 (0.197 x 0.394) min
30 8016 9821 00 000
38
Metric
Side
Standard
16.51 x 12.70 (0.650 x 0.500)
30 8016 9822 00 000
38
Metric
Top
Standard
16.51 x 12.70 (0.650 x 0.500)
30 8016 9825 00 000
38
Metric
Side
Large
16.51 x 15.44 (0.650 x 0.608)
30 8016 9826 00 000
38
Metric
Top
Large
16.51 x 15.44 (0.650 x 0.608)
30 8016 9838 00 000
38
Metric
Side
Ex-Large
20.83 x 15.60 (0.820 x 0.614)
30 8016 9839 00 000
38
Metric
Top
Ex-Large
20.83 x 15.60 (0.820 x 0.614)
30 8016 0560 00 413
56
UNC
Top/Side
Standard
6 x 14 (0.236 x 0.551) min
30 8016 0560 00 415
56
UNC
45
Standard
6 x 14 (0.236 x 0.551) min
30 8016 9832 00 000
90
Metric
Side
Large
20.32 (0.800) Dia
30 8016 9833 00 000
90
Metric
Top
Large
20.32 (0.800) Dia
30 8016 9843 00 000
90
Metric
Side
Ex-Large
25.40 x 20.32 (1.00 x 0.800)
30 8016 9844 00 000
90
Metric
Top
Ex-Large
25.40 x 20.32 (1.00 x 0.800)
30 8016 9834 00 000
120
Metric
Side
Large
20.32 x 27.43 (0.800 x 1.080)
30 8016 9835 00 000
120
Metric
Top
Large
20.32 x 27.43 (0.800 x 1.080)


Similar Part No. - 008016090296601

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008017100217001 AVX-008017100217001 Datasheet
296Kb / 1P
   Series 8017
008017100217002 AVX-008017100217002 Datasheet
296Kb / 1P
   Series 8017
008017100217003 AVX-008017100217003 Datasheet
296Kb / 1P
   Series 8017
008017100217004 AVX-008017100217004 Datasheet
296Kb / 1P
   Series 8017
008017100217005 AVX-008017100217005 Datasheet
296Kb / 1P
   Series 8017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com