Electronic Components Datasheet Search |
|
MCM69Q618 Datasheet(PDF) 6 Page - Motorola, Inc |
|
MCM69Q618 Datasheet(HTML) 6 Page - Motorola, Inc |
6 / 12 page MCM69Q618 6 MOTOROLA FAST SRAM DC OPERATING CONDITIONS AND CHARACTERISTICS (VDD = 3.3 V ± 5%, TA = 0 to + 70°C, Unless Otherwise Noted) RECOMMENDED OPERATING CONDITIONS AND SUPPLY CURRENTS Parameter Symbol Min Max Unit Supply Voltage (Operating Voltage Range) VDD 3.135 3.465 V Input High Voltage VIH 2.0 VDD + 0.5** V Input Low Voltage VIL – 0.5* 0.8 V Input Leakage Current (All Inputs, Vin = 0 to VDD) Ilkg(I) — ± 1.0 µA Output Leakage Current (E = VIH, Vout = 0 to VDD) Ilkg(O) — ± 1.0 µA AC Supply Current (Iout = 0 mA) (VDD = max, f = fmax) MCM69Q618–6 ns MCM69Q618–8 ns MCM69Q618–10 ns IDDA — — — TBD TBD TBD mA CMOS Standby Supply Current (Deselected, Clock (K) MCM69Q618–6 ns Cycle Time ≥ tKHKH, All Inputs Toggling at CMOS Levels MCM69Q618–8 ns Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V) MCM69Q618–10 ns ISB1 — — — TBD TBD TBD mA Output Low Voltage (IOL = + 8.0 mA) VOL — 0.4 V Output High Voltage (IOH = – 4.0 mA) VOH 2.4 VDD V *VIL ≥ –1.5 V for t ≤ tKHKH/2. ** VIH ≤ VDD + 1.0 V for t ≤ tKHKH/2. CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 0 to 70°C, Periodically Sampled Rather Than 100% Tested) Parameter Symbol Max Unit Address and Data Input Capacitance Cin 6 pF Control Pin Input Capacitance Cin 6 pF Output Capacitance Cout 8 pF |
Similar Part No. - MCM69Q618 |
|
Similar Description - MCM69Q618 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |