Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO-27 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DO-27
Description  Plastic Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DO-27 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DO-27 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DO-27 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
Cas e: JEDEC DO-27,m olded plas tic
Term inals : Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces ,1.15 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unless otherwise s pecified.
Single phas e,half wave,50 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
1N
4139
1N
4141
1N
4142
1N
4143
1N
4144
1N
4145
1N
4146
UNITS
Maxim um recurrent peak revers e voltage
VRRM
50
200
400
600
800
1000
1200
V
Maximum RMS voltage
VRMS
35
140
280
420
560
700
840
V
Maxim um DC blocking voltage
VDC
50
200
400
600
800
1000
1200
V
Maxim um average forward rectified current
9.5m m lead length,
@TA=75
Peak forward surge current
10m s s ingle half-s ine-wave
superim pos ed on rated load
@TJ=125
Maxim um ins tantaneous forward voltage
@ 3.0 A
VF
V
Maxim um revers e current
@TA=25
at rated DC blocking voltage
@TA=100
Typical junction capacitance
(Note1)
CJ
pF
Typical therm al res is tance
(Note2)
R JA
/W
Operating junction tem perature range
TJ
Storage tem perature range
TSTG
A
Eas ily cleaned with Free, Alcohol, Isopropanol
and s im ilar s olvents
70
VOLTAGE RANGE: 50 --- 1200 V
CURRENT: 3.0 A
DO - 27
100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
A
300.0
IR
IFSM
IF(AV)
1N
4140
100
3.0
Note: 1.Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
2.Thermal resistance f rom junction to ambient.
100.0
A
- 55 ---- + 150
- 55 ---- + 150
1.0
35
10.0
20
Dimensions in millimeters
1N4139-1N4146
Plastic Silicon Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DO-27

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DO-27 LUGUANG-DO-27 Datasheet
160Kb / 2P
   Plastic Silicon Rectifiers
DO-27 LUGUANG-DO-27 Datasheet
190Kb / 2P
   Plastic Silicon Rectifiers
DO-27 LUGUANG-DO-27 Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
DO-27 LUGUANG-DO-27 Datasheet
163Kb / 2P
   Plastic Silicon Rectifiers
DO-27 LUGUANG-DO-27 Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - DO-27

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com