Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308SXI-4T Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2308SXI-4T
Description  3.3 V Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SXI-4T Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2308SXI-4T Datasheet HTML 1Page - Cypress Semiconductor CY2308SXI-4T Datasheet HTML 2Page - Cypress Semiconductor CY2308SXI-4T Datasheet HTML 3Page - Cypress Semiconductor CY2308SXI-4T Datasheet HTML 4Page - Cypress Semiconductor CY2308SXI-4T Datasheet HTML 5Page - Cypress Semiconductor CY2308SXI-4T Datasheet HTML 6Page - Cypress Semiconductor CY2308SXI-4T Datasheet HTML 7Page - Cypress Semiconductor CY2308SXI-4T Datasheet HTML 8Page - Cypress Semiconductor CY2308SXI-4T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CY2308
Document Number: 38-07146 Rev. *M
Page 4 of 18
Zero Delay and Skew Control
To close the feedback loop of the CY2308, the user has to
connect any one of the eight available output pins to FBK pin.
The output driving the FBK pin drives a total load of 7 pF plus
any additional load that it drives. The relative loading of this
output to the remaining outputs adjusts the input-output delay as
shown in the Figure 2.
For applications requiring zero input-output delay, all outputs
including the one providing feedback is equally loaded.
If input-output delay adjustments are required, use the Zero
Delay and Skew Control graph to calculate loading differences
between the feedback output and remaining outputs.
For zero output-output skew, outputs are loaded equally. For
further information on using CY2308, refer to the application note
CY2308: Zero Delay Buffer-AN1234.
Available CY2308 Configurations
Device
Feedback From [5]
Bank A Frequency
Bank B Frequency
CY2308-1
Bank A or Bank B
Reference
Reference
CY2308-1H
Bank A or Bank B
Reference
Reference
CY2308-2
Bank A
Reference
Reference / 2
CY2308-2
Bank B
2 × Reference
Reference
CY2308-3
Bank A
2 × Reference
Reference [6]
CY2308-3
Bank B
4 × Reference
2 × Reference
CY2308-4
Bank A or Bank B
2 × Reference
2 × Reference
CY2308-5H
Bank A or Bank B
Reference / 2
Reference / 2
Figure 2. REF. Input to CLKA/CLKB Delay Versus Difference in Loading between FBK Pin and CLKA/CLKB Pins
Notes
5. User has to select one of the available outputs that drive the feedback pin and need to connect selected output pin to FBK pin externally.
6. Output phase is indeterminant (0 ° or 180 ° from input clock). If phase integrity is required, use CY2308-2.
[+] Feedback


Similar Part No. - CY2308SXI-4T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SXI-4T CYPRESS-CY2308SXI-4T Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXI-4T CYPRESS-CY2308SXI-4T Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2308SXI-4T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com