Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYWB0226ABS-BVXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYWB0226ABS-BVXI
Description  West Bridge짰: Astoria??USB and Mass Storage Peripheral Controller
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWB0226ABS-BVXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYWB0226ABS-BVXI Datasheet HTML 4Page - Cypress Semiconductor CYWB0226ABS-BVXI Datasheet HTML 5Page - Cypress Semiconductor CYWB0226ABS-BVXI Datasheet HTML 6Page - Cypress Semiconductor CYWB0226ABS-BVXI Datasheet HTML 7Page - Cypress Semiconductor CYWB0226ABS-BVXI Datasheet HTML 8Page - Cypress Semiconductor CYWB0226ABS-BVXI Datasheet HTML 9Page - Cypress Semiconductor CYWB0226ABS-BVXI Datasheet HTML 10Page - Cypress Semiconductor CYWB0226ABS-BVXI Datasheet HTML 11Page - Cypress Semiconductor CYWB0226ABS-BVXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
CYWB022XX Family
Document Number: 001-13805 Rev. *M
Page 8 of 78
Packages and Interface Options
Astoria provides one 100-ball VFBGA, one 100-ball BGA, one 121-ball FBGA and two types of 81-ball WLCSP packages. The two
WLCSP packages are SP WLCSP and Lite SP WLCSP. These two packages have different interface options as listed in Table 5. The
100-ball VFBGA/BGA package pin list is listed in Table 6 on page 9, the 81-ball SP CSP package is listed in Table 10 on page 21,
and the 81-ball Lite SP CSP package in Table 11 on page 24.
Table 5. Interface Options for 100-ball VFBGA, 81-ball SP, and 81-ball Lite SP
Package
P-Port
S-Port
Clock
PCRAM SRAM
ADM
PNAN
D
I2C
SPI
SD1
SD2
GPIF
GPIO
Ext
CLK
Crystal Freq.
(MHz)
100-ball BGA /
VFBGA



19.2,
24, 26,
48
121-ball FBGA



19.2,
24, 26,
48
81-ball SP
WLCSP



19.2,
26
81-ball Lite SP
WLCSP

26


Similar Part No. - CYWB0226ABS-BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWB0224ABM CYPRESS-CYWB0224ABM Datasheet
228Kb / 6P
   West BridgeTM AstoriaTM
CYWB0224ABM CYPRESS-CYWB0224ABM Datasheet
238Kb / 6P
   West Bridge Astoria
CYWB0224ABM-BVXI CYPRESS-CYWB0224ABM-BVXI Datasheet
228Kb / 6P
   West BridgeTM AstoriaTM
CYWB0224ABM-BVXI CYPRESS-CYWB0224ABM-BVXI Datasheet
238Kb / 6P
   West Bridge Astoria
CYWB0224ABS CYPRESS-CYWB0224ABS Datasheet
228Kb / 6P
   West BridgeTM AstoriaTM
More results

Similar Description - CYWB0226ABS-BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
   West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
   West Bridge,Antioch,USB/Mass Storage Peripheral Controller
CYUSB202X CYPRESS-CYUSB202X Datasheet
595Kb / 27P
   SD2??USB and Mass Storage Peripheral Controller
CYUSB302X CYPRESS-CYUSB302X Datasheet
779Kb / 34P
   SD3??USB and Mass Storage Peripheral Controller
CYWB0224ABS CYPRESS-CYWB0224ABS_09 Datasheet
238Kb / 6P
   West Bridge Astoria
logo
Renesas Technology Corp
SH7216 RENESAS-SH7216 Datasheet
269Kb / 32P
   USB Mass Storage Class
logo
Micron Technology
MTEDCAR002SAJ MICRON-MTEDCAR002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
MTEDCBR002SAJ MICRON-MTEDCBR002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
MTEDCBE002SAJ MICRON-MTEDCBE002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
MTEDCAE002SAJ MICRON-MTEDCAE002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com