Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308SXC-3 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2308SXC-3
Description  3.3 V Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SXC-3 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2308SXC-3 Datasheet HTML 4Page - Cypress Semiconductor CY2308SXC-3 Datasheet HTML 5Page - Cypress Semiconductor CY2308SXC-3 Datasheet HTML 6Page - Cypress Semiconductor CY2308SXC-3 Datasheet HTML 7Page - Cypress Semiconductor CY2308SXC-3 Datasheet HTML 8Page - Cypress Semiconductor CY2308SXC-3 Datasheet HTML 9Page - Cypress Semiconductor CY2308SXC-3 Datasheet HTML 10Page - Cypress Semiconductor CY2308SXC-3 Datasheet HTML 11Page - Cypress Semiconductor CY2308SXC-3 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY2308
Document Number: 38-07146 Rev. *M
Page 8 of 18
Switching Characteristics for Industrial Temperature Devices
Parameter [13]
Name
Test Conditions
Min Typ
Max
Unit
Fin
Input frequency
10
133.3
MHz
t1
Output frequency
30 pF load
10
100 (-1,-2,-3,-4)
66.67 (-5H)
MHz
t1
Output frequency
20 pF load, -1H, -5H devices
10
133.3 (-1H)
66.67 (-5H)
MHz
t1
Output frequency
15 pF load, -1, -2, -3, -4 devices
10
133.3
MHz
tPD
Duty cycle [13, 14] = t2 t1
(-1, -2, -3, -4, -1H, -5H)
Measured at 1.4 V, FOUT = 66.66 MHz, 30 pF
load
40.0 50.0
60.0
%
tPD
Duty cycle [13, 14] = t2 t1
(-1, -2, -3, -4, -1H, -5H)
Measured at 1.4 V, FOUT < 50 MHz, 15 pF load 45.0 50.0
55.0
%
t3
Rise time [13, 14] (-1, -2, -3, -4)
Measured between 0.8 V and 2.0 V, 30 pF load
2.50
ns
t3
Rise time [13, 14] (-1, -2, -3, -4)
Measured between 0.8 V and 2.0 V, 15 pF load
1.50
ns
t3
Rise time [13, 14] (-1H, -5H)
Measured between 0.8 V and 2.0 V, 30 pF load
1.50
ns
t4
Fall time [13, 14] (-1, -2, -3, -4)
Measured between 0.8 V and 2.0 V, 30 pF load
2.50
ns
t4
Fall time [13, 14] (-1, -2, -3, -4)
Measured between 0.8 V and 2.0 V, 15 pF load
1.50
ns
t4
Fall time [13, 14] (-1H, -5H)
Measured between 0.8 V and 2.0 V, 30 pF load
1.25
ns
t5
Output to output skew on same
Bank [13, 14] (-1, -2, -3, -4)
All outputs equally loaded
200
ps
Output to output skew (-1H, -5H) All outputs equally loaded
200
ps
Output Bank A to output Bank B
skew (-1, -4, -5H)
All outputs equally loaded
200
ps
Output Bank A to output Bank B
skew (-2, -3)
All outputs equally loaded
400
ps
t6
Delay, REF rising edge to FBK
rising edge [13, 14]
Measured at VDD/2
0
250
ps
t7
Device to device skew [13, 14]
Measured at VDD/2 on the FBK pins of devices
0
700
ps
t8
Output slew rate [13, 14]
Measured between 0.8 V and 2.0 V on -1H, -5H
device using Test Circuit 2
1–
V/ns
tJ
Cycle to cycle Jitter [13, 14] (-1,
-1H, -4, -5H)
Measured at 66.67 MHz, loaded outputs, 15 pF
load
75
200
ps
Measured at 66.67 MHz, loaded outputs, 30 pF
load
200
ps
Measured at 133.3 MHz, loaded outputs, 15 pF
load
100
ps
tJ
Cycle to cycle Jitter [13, 14] (-2,
-3)
Measured at 66.67 MHz, loaded outputs, 30 pF
load
400
ps
Measured at 66.67 MHz, loaded outputs, 15 pF
load
400
ps
tLOCK
PLL lock time [13, 14]
Stable power supply, valid clocks presented on
REF and FBK pins
––
1.0
ms
Notes
13. All parameters are specified with loaded outputs.
14. Parameter is guaranteed by design and characterization. Not 100% tested in production.
[+] Feedback


Similar Part No. - CY2308SXC-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SXC-3 CYPRESS-CY2308SXC-3 Datasheet
203Kb / 14P
   3.3V Zero Delay Buffer
CY2308SXC-3 CYPRESS-CY2308SXC-3 Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXC-3 CYPRESS-CY2308SXC-3 Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXC-3T CYPRESS-CY2308SXC-3T Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXC-3T CYPRESS-CY2308SXC-3T Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2308SXC-3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com