Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYWB0224ABS-BZXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYWB0224ABS-BZXI
Description  West Bridge짰: Astoria??USB and Mass Storage Peripheral Controller
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWB0224ABS-BZXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYWB0224ABS-BZXI Datasheet HTML 5Page - Cypress Semiconductor CYWB0224ABS-BZXI Datasheet HTML 6Page - Cypress Semiconductor CYWB0224ABS-BZXI Datasheet HTML 7Page - Cypress Semiconductor CYWB0224ABS-BZXI Datasheet HTML 8Page - Cypress Semiconductor CYWB0224ABS-BZXI Datasheet HTML 9Page - Cypress Semiconductor CYWB0224ABS-BZXI Datasheet HTML 10Page - Cypress Semiconductor CYWB0224ABS-BZXI Datasheet HTML 11Page - Cypress Semiconductor CYWB0224ABS-BZXI Datasheet HTML 12Page - Cypress Semiconductor CYWB0224ABS-BZXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
CYWB022XX Family
Document Number: 001-13805 Rev. *M
Page 9 of 78
Pin Assignments
Table 6. Astoria 100-ball VFBGA Package Pin Assignments
Pin Name
Pin Description
Power
Domain
Ball #
PCRAM
Non-Multiplexing
I/O
Address / Data
bus Multiplexing
(ADM)
I/O
SRAM
I/O
PNAND
I/O
SPI
I/O
J2
CLK (pull low in
Asyn mode)
I CLK (pull low in
Async mode)
I Ext pull low
I Ext pull low
I SCK
I
Clock
PVDDQ
VGND
G1
CE#I CE#I CE#I CE#I SS#
I
CE# or SPI Slave
Select
H3
A7
I Ext pull up
I A7
I A7 > 1:SBD
A7 > 0:LBD
I Ext pull up
I
Addr. Bus 7
H2
A6
I SDA
I A6
I SDA
I/O SDA
I/O A6 or I2C data
H1
A5
I SCL
I A5
I SCL
I/O SCL
I/O A5 or I2C clock
J3
A4
I Ext pull up
I A4
I WP#
I Ext pull up
I
A4 or PNAND WP
J1
A3
I A3 = 0 (Ext pull
low)
I A3
I A3 = 0 (Ext pull
low)
I A3 = 1 (Ext pull up)
I
A3
K3
A2
I A2 = 1 (Ext pull up) I A2
I A2 = 0 (Ext pull
low)
I A2 = 0 (Ext pull
low)
IA2
K2
A1
I Ext pull up
I A1
I RB#
O Ext pull up
I
A1 or PNAND R/B#
K1
A0
I Ext pull up
I A0
I CLE
I Ext pull up
I
A0 or PNAND CLE
G2
DQ[15]
I/O AD[15]
I/O DQ[15]
I/O I/O[15]
I/O Ext pull up
I
D15, AD15, or I/O15
G3
DQ[14]
I/O AD[14]
I/O DQ[14]
I/O I/O[14]
I/O Ext pull up
I
D14, AD14, or I/O14
F1
DQ[13]
I/O AD[13]
I/O DQ[13]
I/O I/O[13]
I/O Ext pull up
I
D13, AD13, or I/O13
F2
DQ[12]
I/O AD[12]
I/O DQ[12]
I/O I/O[12]
I/O Ext pull up
I
D12, AD12, or I/O12
F3
DQ[11]
I/O AD[11]
I/O DQ[11]
I/O I/O[11]
I/O Ext pull up
I
D11, AD11, or I/O11
E1
DQ[10]
I/O AD[10]
I/O DQ[10]
I/O I/O[10]
I/O Ext pull up
I
D10, AD10, or I/O10
E2
DQ[9]
I/O AD[9]
I/O DQ[9]
I/O I/O[9]
I/O Ext pull up
I
D9, AD9, or I/O9
E3
DQ[8]
I/O AD[8]
I/O DQ[8]
I/O I/O[8]
I/O Ext pull up
I
D8, AD8, or I/O8
D1
DQ[7]
I/O AD[7]
I/O DQ[7]
I/O I/O[7]
I/O Ext pull up
I
D7, AD7, or I/O7
D2
DQ[6]
I/O AD[6]
I/O DQ[6]
I/O I/O[6]
I/O Ext pull up
I
D6, AD6, or I/O6
D3
DQ[5]
I/O AD[5]
I/O DQ[5]
I/O I/O[5]
I/O Ext pull up
I
D5, AD5, or I/O5
C1
DQ[4]
I/O AD[4]
I/O DQ[4]
I/O I/O[4]
I/O Ext pull up
I
D4, AD4, or I/O4
C2
DQ[3]
I/O AD[3]
I/O DQ[3]
I/O I/O[3]
I/O Ext pull up
I
D3, AD3, or I/O3
C3
DQ[2]
I/O AD[2]
I/O DQ[2]
I/O I/O[2]
I/O Ext pull up
I
D2, AD2, or I/O2
B1
DQ[1]
I/O AD[1]
I/O DQ[1]
I/O I/O[1]
I/O SDO
O
SPI SDO, AD1or D1
B2
DQ[0]
I/O AD[0]
I/O DQ[0]
I/O I/O[0]
I/O SDI
I
SPI SDI, AD0, or D0
A1
ADV#
I ADV#
I
I ALE
I Ext pull up
I
Address Valid
B3
OE#
I OE#
I OE#
I RE#
I Ext pull up
I
Output Enable
A2
WE#
I WE#
I WE#
I WE#
I Ext pull up
I
WE#
A3
INT#
O INT#
O INT#
O INT#
O SINT#
O
INT Request
GVDDQ
VGND
A4
DRQ#
O DRQ#
O DRQ#
O DRQ#
O N/C
O
DMA Request
B4
DACK#
I DACK#
I DACK#
I DACK#
I Ext pull up
I
DMA
Acknowledgement
A5
D+
I/O/Z USB D+
UVDDQ
UVSSQ
A6
D–
I/O/Z USB D–
A7
SWD+
I/O/Z USB Switch DP
C6
SWD–
I/O/Z USB Switch DM


Similar Part No. - CYWB0224ABS-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWB0224ABS-BVXI CYPRESS-CYWB0224ABS-BVXI Datasheet
228Kb / 6P
   West BridgeTM AstoriaTM
CYWB0224ABS-BVXI CYPRESS-CYWB0224ABS-BVXI Datasheet
238Kb / 6P
   West Bridge Astoria
More results

Similar Description - CYWB0224ABS-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
   West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
   West Bridge,Antioch,USB/Mass Storage Peripheral Controller
CYUSB202X CYPRESS-CYUSB202X Datasheet
595Kb / 27P
   SD2??USB and Mass Storage Peripheral Controller
CYUSB302X CYPRESS-CYUSB302X Datasheet
779Kb / 34P
   SD3??USB and Mass Storage Peripheral Controller
CYWB0224ABS CYPRESS-CYWB0224ABS_09 Datasheet
238Kb / 6P
   West Bridge Astoria
logo
Renesas Technology Corp
SH7216 RENESAS-SH7216 Datasheet
269Kb / 32P
   USB Mass Storage Class
logo
Micron Technology
MTEDCAR002SAJ MICRON-MTEDCAR002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
MTEDCBR002SAJ MICRON-MTEDCBR002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
MTEDCBE002SAJ MICRON-MTEDCBE002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
MTEDCAE002SAJ MICRON-MTEDCAE002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com