Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308SXI-2 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2308SXI-2
Description  3.3 V Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SXI-2 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2308SXI-2 Datasheet HTML 1Page - Cypress Semiconductor CY2308SXI-2 Datasheet HTML 2Page - Cypress Semiconductor CY2308SXI-2 Datasheet HTML 3Page - Cypress Semiconductor CY2308SXI-2 Datasheet HTML 4Page - Cypress Semiconductor CY2308SXI-2 Datasheet HTML 5Page - Cypress Semiconductor CY2308SXI-2 Datasheet HTML 6Page - Cypress Semiconductor CY2308SXI-2 Datasheet HTML 7Page - Cypress Semiconductor CY2308SXI-2 Datasheet HTML 8Page - Cypress Semiconductor CY2308SXI-2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY2308
Document Number: 38-07146 Rev. *M
Page 5 of 18
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Supply voltage to ground potential ..............–0.5 V to +7.0 V
DC input voltage (except REF) ........... –0.5 V to VDD + 0.5 V
DC input voltage REF .......................................–0.5 V to 7 V
Storage temperature ................................ –65 °C to +150 °C
Junction temperature ................................................. 150 °C
Static discharge voltage
(MIL-STD-883, Method 3015) .................................. >2000 V
Operating Conditions for Commercial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply voltage
3.0
3.6
V
TA
Operating temperature (ambient temperature)
0
70
°C
CL
Load capacitance, below 100 MHz
30
pF
Load capacitance, from 100 MHz to 133 MHz
15
pF
CIN
Input capacitance [7]
–7
pF
tPU
Power up time for all VDD’s to reach minimum specified voltage (power ramps
must be monotonic)
0.05
50
ms
Electrical Characteristics for Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW voltage
0.8
V
VIH
Input HIGH voltage
2.0
V
IIL
Input LOW current
VIN = 0 V
50.0
A
IIH
Input HIGH current
VIN = VDD
100.0
A
VOL
Output LOW voltage [8]
IOL = 8 mA (-1, -2, -3, -4)
IOL = 12 mA (-1H, -5H)
–0.4
V
VOH
Output HIGH voltage [8]
IOH = –8 mA (-1, -2, -3, -4)
IOH = –12 mA (-1H, -5H)
2.4
V
IDD (PD mode) Power down supply current
REF = 0 MHz
12.0
A
IDD
Supply current
Unloaded outputs, 100 MHz REF, select
inputs at VDD or GND
45.0
mA
70.0 (-1H, -5H)
mA
Unloaded outputs, 66 MHz REF (-1, -2, -3, -4)
32.0
mA
Unloaded outputs, 33 MHz REF (-1, -2, -3, -4)
18.0
mA
Notes
7. Applies to both Ref clock and FBK.
8. Parameter is guaranteed by design and characterization. Not 100% tested in production.
[+] Feedback


Similar Part No. - CY2308SXI-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SXI-2 CYPRESS-CY2308SXI-2 Datasheet
203Kb / 14P
   3.3V Zero Delay Buffer
CY2308SXI-2 CYPRESS-CY2308SXI-2 Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXI-2 CYPRESS-CY2308SXI-2 Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXI-2T CYPRESS-CY2308SXI-2T Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXI-2T CYPRESS-CY2308SXI-2T Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2308SXI-2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com