Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167EV30LL-45ZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62167EV30LL-45ZXI
Description  16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167EV30LL-45ZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62167EV30LL-45ZXI Datasheet HTML 1Page - Cypress Semiconductor CY62167EV30LL-45ZXI Datasheet HTML 2Page - Cypress Semiconductor CY62167EV30LL-45ZXI Datasheet HTML 3Page - Cypress Semiconductor CY62167EV30LL-45ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62167EV30LL-45ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62167EV30LL-45ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62167EV30LL-45ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62167EV30LL-45ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62167EV30LL-45ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CY62167EV30 MoBL®
16-Mbit (1 M × 16 / 2 M × 8) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05446 Rev. *L
Revised July 9, 2012
16-Mbit (1 M × 16 / 2 M × 8) Static RAM
Features
TSOP I package configurable as 1 M × 16 or 2 M × 8 SRAM
Very high speed: 45 ns
Temperature ranges
Industrial: –40 °C to +85 °C
Automotive-A: –40 °C to +85 °C
Wide voltage range: 2.20 V to 3.60 V
Ultra-low standby power
Typical standby current: 1.5 A
Maximum standby current: 12 A
Ultra-low active power
Typical active current: 2.2 mA at f = 1 MHz
Easy memory expansion with CE1, CE2, and OE Features
Automatic power-down when deselected
CMOS for optimum speed and power
Offered in Pb-free 48-ball VFBGA and 48-pin TSOP I packages
Functional Description
The CY62167EV30 is a high performance CMOS static RAM
organized as 1M words by 16 bits or 2M words by 8 bits. This
device features an advanced circuit design that provides an ultra
low active current. Ultra low active current is ideal for providing
More Battery Life
 (MoBL®) in portable applications such as
cellular telephones. The device also has an automatic power
down feature that reduces power consumption by 99 percent
when addresses are not toggling. Place the device into standby
mode when deselected (CE1 HIGH or CE2 LOW or both BHE and
BLE are HIGH). The input and output pins (I/O0 through I/O15)
are placed in a high impedance state when: the device is
deselected (CE1 HIGH or CE2 LOW), outputs are disabled (OE
HIGH), both Byte High Enable and Byte Low Enable are disabled
(BHE, BLE HIGH), or a write operation is in progress (CE1 LOW,
CE2 HIGH and WE LOW).
To write to the device, take Chip Enables (CE1 LOW and CE2
HIGH) and Write Enable (WE) input LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7) is
written into the location specified on the address pins (A0 through
A19). If Byte High Enable (BHE) is LOW, then data from the I/O
pins (I/O8 through I/O15) is written into the location specified on
the address pins (A0 through A19).
To read from the device, take Chip Enables (CE1 LOW and CE2
HIGH) and Output Enable (OE) LOW while forcing the Write
Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data
from the memory location specified by the address pins appears
on I/O0 to I/O7. If Byte High Enable (BHE) is LOW, then data from
memory appears on I/O8 to I/O15. See Truth Table on page 12
for a complete description of read and write modes.
1M × 16 / 2M x 8
RAM Array
I/O0–I/O7
A 8
A 7
A 6
A 5
A 2
COLUMN DECODER
DATA IN DRIVERS
OE
A 4
A 3
I/O8–I/O15
WE
BLE
BHE
A 0
A 1
A 9
A10
CE2
CE1
BYTE
Power Down
Circuit
BHE
BLE
CE2
CE1
Logic Block Diagram


Similar Part No. - CY62167EV30LL-45ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV30LL-45ZXI CYPRESS-CY62167EV30LL-45ZXI Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45ZXI CYPRESS-CY62167EV30LL-45ZXI Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45ZXI CYPRESS-CY62167EV30LL-45ZXI Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45ZXI CYPRESS-CY62167EV30LL-45ZXI Datasheet
328Kb / 17P
   16-Mbit (1M x 16 / 2M x 8) Static RAM Automatic power-down when deselected
More results

Similar Description - CY62167EV30LL-45ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167E CYPRESS-CY62167E_10 Datasheet
491Kb / 15P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_11 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_12 Datasheet
558Kb / 14P
   16-Mbit (1 M 횞 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33_11 Datasheet
329Kb / 11P
   16-Mbit (1 M 횞 16) Static RAM
CY62167DV30LL-55BVXIT CYPRESS-CY62167DV30LL-55BVXIT Datasheet
460Kb / 17P
   16-Mbit (1 M 횞 16) Static RAM
CY62177EV30 CYPRESS-CY62177EV30 Datasheet
516Kb / 14P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177ESL CYPRESS-CY62177ESL Datasheet
488Kb / 16P
   32-Mbit (2 M 횞 16/4 M 횞 8) Static RAM
CY62177EV18 CYPRESS-CY62177EV18 Datasheet
363Kb / 17P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_12 Datasheet
266Kb / 13P
   32-Mbit (2 M 횞 16) Static RAM
CY7C1061GN30 CYPRESS-CY7C1061GN30 Datasheet
412Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com