Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29948AXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29948AXC
Description  2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29948AXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29948AXC Datasheet HTML 1Page - Cypress Semiconductor CY29948AXC Datasheet HTML 2Page - Cypress Semiconductor CY29948AXC Datasheet HTML 3Page - Cypress Semiconductor CY29948AXC Datasheet HTML 4Page - Cypress Semiconductor CY29948AXC Datasheet HTML 5Page - Cypress Semiconductor CY29948AXC Datasheet HTML 6Page - Cypress Semiconductor CY29948AXC Datasheet HTML 7Page - Cypress Semiconductor CY29948AXC Datasheet HTML 8Page - Cypress Semiconductor CY29948AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY29948
Document Number: 38-07288 Rev. *E
Page 4 of 10
AC Parameters[6]
VDD = VDDC = 3.3 V ± 10% or 2.5 V ± 5%, over the specified operating range.
Parameter
Description
Conditions
Min
Typ
Max
Unit
Fmax
Input Frequency[7]
VDD = 3.3 V
200
MHz
VDD = 2.5 V
170
Tpd
PECL_CLK to Q Delay[7]
VDD = 3.3 V
4.0
8.0
ns
TCLK to Q Delay[7]
4.4
8.9
PECL_CLK to Q Delay[7]
VDD = 2.5 V
6.0
10.0
TCLK to Q Delay[7]
6.4
10.9
FoutDC
Output Duty Cycle[7, 8, 9]
Measured at VDD/2
45
55
%
tpZL, tpZH
Output Enable Time (all outputs)
2
10
ns
tpLZ, tpHZ
Output Disable Time (all outputs)
2
10
ns
Tskew
Output-to-Output Skew[7, 9]
150
250
ps
Tskew(pp)
Part-to-Part Skew[10]
PECL_CLK to Q
1.5
ns
TCLK to Q
2.0
Ts
Set-up Time[7, 11]
SYNC_OE to PECL_CLK
1.0
ns
SYNC_OE to TCLK
0.0
Th
Hold Time[7, 11]
PECL_CLK to SYNC_OE
0.0
ns
TCLK to SYNC_OE
1.0
Tr/Tf
Output Clocks Rise/Fall Time[9]
0.8 V to 2.0 V, VDD = 3.3 V
0.20
1.0
ns
0.6 V to 1.8 V, VDD = 2.5 V
0.20
1.3
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
VTT
Zo = 50 ohm
VTT
RT = 50 ohm
RT = 50 ohm
CY29948 DUT
Figure 2. LVCMOS_CLK CY29948 Test Reference for VCC = 3.3 V and VCC = 2.5 V
Notes
6. Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with loaded outputs.
7. Outputs driving 50
 transmission lines.
8. 50% input duty cycle.
9. See Figure 2 and Figure 3 on page 5.
10. Part-to-Part skew at a given temperature and voltage.
11. Setup and hold times are relative to the falling edge of the input clock.
[+] Feedback


Similar Part No. - CY29948AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29948AXC CYPRESS-CY29948AXC Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948AXC CYPRESS-CY29948AXC Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
CY29948AXCT CYPRESS-CY29948AXCT Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948AXCT CYPRESS-CY29948AXCT Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
More results

Similar Description - CY29948AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29946 CYPRESS-CY29946_12 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_11 Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29946 CYPRESS-CY29946_11 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29948 CYPRESS-CY29948_11 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
logo
Cypress Semiconductor
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29352 CYPRESS-CY29352_11 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_12 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
logo
NXP Semiconductors
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
   3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com