Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29946AXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29946AXI
Description  2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29946AXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29946AXI Datasheet HTML 1Page - Cypress Semiconductor CY29946AXI Datasheet HTML 2Page - Cypress Semiconductor CY29946AXI Datasheet HTML 3Page - Cypress Semiconductor CY29946AXI Datasheet HTML 4Page - Cypress Semiconductor CY29946AXI Datasheet HTML 5Page - Cypress Semiconductor CY29946AXI Datasheet HTML 6Page - Cypress Semiconductor CY29946AXI Datasheet HTML 7Page - Cypress Semiconductor CY29946AXI Datasheet HTML 8Page - Cypress Semiconductor CY29946AXI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY29946
Document #: 38-07286 Rev. *G
Page 2 of 9
CY29946
VSS
QB0
VDDC
QB1
VSS
QB2
VDDC
VDDC
TCLK_SEL
VDD
TCLK0
TCLK1
DSELA
DSELB
DSELC
VSS
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Pin Configuration
Pin Description[1]
Pin
Name
PWR
I/O
Description
3, 4
TCLK(0,1)
I, PU External Reference/Test Clock Input
26, 28, 30
QA(2:0)
VDDC
O
Clock Outputs
19, 21, 23
QB(2:0)
VDDC
O
Clock Outputs
10, 12, 14, 16
QC(0:3)
VDDC
O
Clock Outputs
5, 6, 7
DSEL(A:C)
I, PD Divider Select Inputs. When HIGH, selects
2 input divider. When LOW,
selects
1 input divider.
1
TCLK_SEL
I, PD TCLK Select Input. When LOW, TCLK0 clock is selected and when HIGH
TCLK1 is selected.
32
MR/OE#
I, PD Output Enable Input. When asserted LOW, the outputs are enabled and
when asserted HIGH, internal flip-flops are reset and the outputs are
three-stated. If more than 1 Bank is being used in /2 Mode, a reset must be
performed (MR/OE# Asserted High) after power-up to ensure all internal
flip-flops are set to the same state.
9, 13, 17, 18, 22,
25, 29
VDDC
2.5 V or 3.3 V Power Supply for Output Clock Buffers
2
VDD
2.5 V or 3.3 V Power Supply
8, 11, 15, 20, 24,
27, 31
VSS
Common Ground
Note
1. PD = Internal pull-down. PU = Internal pull-up.
[+] Feedback


Similar Part No. - CY29946AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29946AXI CYPRESS-CY29946AXI Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29946AXI CYPRESS-CY29946AXI Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29946AXIT CYPRESS-CY29946AXIT Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
More results

Similar Description - CY29946AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29946 CYPRESS-CY29946_11 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29948 CYPRESS-CY29948_12 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_11 Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29948 CYPRESS-CY29948_11 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29352 CYPRESS-CY29352_11 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_12 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
   2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com