Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2303SXCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2303SXCT
Description  Phase-Aligned Clock Multiplier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2303SXCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2303SXCT Datasheet HTML 1Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 2Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 3Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 4Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 5Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 6Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 7Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 8Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY2303
Document #: 38-07249 Rev. *E
Page 2 of 9
Pinouts
Figure 1. CY2303 - 8-pin SOIC Top View
Maximum Ratings
Supply voltage to ground potential ...............–0.5 V to +7.0 V
DC input voltage (except ref)............... –0.5 V to VDD + 0.5 V
DC input voltage REFIN ....................................–0.5 V to 7 V
Storage temperature ................................ –65 °C to +150 °C
Junction temperature................................................. 150 °C
Static discharge voltage
(per MIL-STD-883, method 3015) ........................... > 2000 V
Pin Description
Pin
Signal[1]
Description
1
REF
REF output (1x reference input)
2
GND
Ground
3
REFIN
Input reference frequency, 5 V tolerant input
4
N/C
No connect
5
REFx2
2x reference input
6
REFx4
4x reference input
7VDD
3.3 V supply
8
OE
Output enable (weak pull-up)
1
2
3
4
5
8
7
6
REF
GND
REFIN
N/C
VDD
OE
REFx2
REFx4
Notes
1. Weak pull-down on all outputs.
Operating Conditions
Parameter
Description
Min
Max
Unit
VDD
Supply voltage
3.0
3.6
V
TA
Operating temperature (ambient temperature)
0
70
°C
CL
Load capacitance, 10 MHz < FOUT < 133.33 MHz
18
pF
Load capacitance, 133.33 MHz < FOUT < 166.67 MHz
12
pF
CIN
Input capacitance
7
pF
tPU
Power-up time for all VDD’s to reach minimum specified voltage (power
ramps must be monotonic)
0.05
50
ms
[+] Feedback


Similar Part No. - CY2303SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
127Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
226Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
445Kb / 14P
   Phase-Aligned Clock Multiplier
More results

Similar Description - CY2303SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2303 CYPRESS-CY2303_08 Datasheet
226Kb / 7P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300 Datasheet
125Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303_13 Datasheet
445Kb / 14P
   Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303 Datasheet
127Kb / 7P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300_08 Datasheet
205Kb / 6P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300_12 Datasheet
394Kb / 9P
   Phase-Aligned Clock Multiplier
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com