Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14ME064J2-SXIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14ME064J2-SXIT
Description  64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14ME064J2-SXIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14ME064J2-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14ME064J2-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14ME064J2-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14ME064J2-SXIT Datasheet HTML 9Page - Cypress Semiconductor CY14ME064J2-SXIT Datasheet HTML 10Page - Cypress Semiconductor CY14ME064J2-SXIT Datasheet HTML 11Page - Cypress Semiconductor CY14ME064J2-SXIT Datasheet HTML 12Page - Cypress Semiconductor CY14ME064J2-SXIT Datasheet HTML 13Page - Cypress Semiconductor CY14ME064J2-SXIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
CY14MB064J
CY14ME064J
Document Number: 001-65051 Rev. *E
Page 10 of 30
Write Operation
The last bit of the slave device address indicates a read or a write
operation. In case of a write operation, the slave device address
is followed by the memory or register address and data. A write
operation continues as long as a STOP or Repeated START
condition is generated by the master or if a NACK is issued by
the nvSRAM.
A NACK is issued from the nvSRAM under the following
conditions:
1. A valid Device ID is not received.
2. A write (burst write) access to a protected memory block
address returns a NACK from nvSRAM after the data byte is
received. However, the address counter is set to this address
and the following current read operation starts from this
address.
3. A write/random read access to an invalid or out-of-bound
memory address returns a NACK from the nvSRAM after the
address is received. The address counter remains unchanged
in such a case.
After a NACK is sent out from the nvSRAM, the write operation
is terminated and any data on the SDA line is ignored till a STOP
or a Repeated START condition is generated by the master.
For example, consider a case where the burst write access is
performed on Control Register Slave address 0x01 for writing the
serial number and continued to the address 0x09, which is a read
only register. The device returns a NACK and address counter
will not be incremented. A following read operation will be started
from the address 0x09. Further, any write operation which starts
from a write protected address (say, 0x09) will be responded by
the nvSRAM with a NACK after the data byte is sent and set the
address counter to this address. A following read operation will
start from the address 0x09 in this case also.
Note In case the user tries to read/write access an address that
does not exist (for example 0x0D in Control Register Slave),
nvSRAM responds with a NACK immediately after the
out-of-bound address is transmitted. The address counter
remains unchanged and holds the previous successful read or
write operation address.
A write operation is performed internally with no delay after the
eighth bit of data is transmitted. If a write operation is not
intended, the master must terminate the write operation before
the eighth clock cycle by generating a STOP or Repeated
START condition.
More details on write instruction are provided in the section
Memory Slave Access on page 10.
Read Operation
If the last bit of the slave device address is ‘1’, a read operation
is assumed and the nvSRAM takes control of the SDA line
immediately after the slave device address byte is sent out by
the master. The read operation starts from the current address
location (the location following the previous successful write or
read operation). When the last address is reached, the address
counter loops back to the first address.
In case of the Control Register Slave, whenever a burst read is
performed such that it flows to a non-existent address, the reads
operation will loop back to 0x00. This is applicable, in particular
for the Command Register.
There are the following ways to end a read operation:
1. The Master issues a NACK on the 9th clock cycle followed by
a STOP or a Repeated START condition on the 10th clock
cycle.
2. Master generates a STOP or Repeated START condition on
the 9th clock cycle.
More details on write instruction are provided in the section
Memory Slave Access on page 10.
Memory Slave Access
The following sections describe the data transfer sequence
required to perform Read or Write operations from nvSRAM.
Write nvSRAM
Each write operation consists of a slave address being
transmitted after the start condition. The last bit of slave address
must be set as ‘0’ to indicate a Write operation. The master may
write one byte of data or continue writing multiple consecutive
address locations while the internal address counter keeps
incrementing automatically. The address register is reset to
0x0000 after the last address in memory is accessed. The write
operation continues till a STOP or Repeated START condition is
generated by the master or a NACK is issued by the nvSRAM.
A write operation is executed only after all the 8 data bits have
been received by the nvSRAM. The nvSRAM sends an ACK
signal after a successful write operation. A write operation may
be terminated by the master by generating a STOP condition or
a Repeated START operation. If the master desires to abort the
current write operation without altering the memory contents, this
should be done using a START/STOP condition prior to the 8th
data bit.
If the master tries to access a write protected memory address
on the nvSRAM, a NACK is returned after the data byte intended
to write the protected address is transmitted and address counter
will not be incremented. Similarly, in a burst mode write
operation, a NACK is returned when the data byte that attempts
to write a protected memory location and address counter will not
be incremented.


Similar Part No. - CY14ME064J2-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14ME064J2-SXIT CYPRESS-CY14ME064J2-SXIT Datasheet
1Mb / 31P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
CY14ME064J2-SXIT CYPRESS-CY14ME064J2-SXIT Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14ME064J2-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com