Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23FP12OXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY23FP12OXI
Description  200 MHz Field Programmable Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FP12OXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY23FP12OXI Datasheet HTML 1Page - Cypress Semiconductor CY23FP12OXI Datasheet HTML 2Page - Cypress Semiconductor CY23FP12OXI Datasheet HTML 3Page - Cypress Semiconductor CY23FP12OXI Datasheet HTML 4Page - Cypress Semiconductor CY23FP12OXI Datasheet HTML 5Page - Cypress Semiconductor CY23FP12OXI Datasheet HTML 6Page - Cypress Semiconductor CY23FP12OXI Datasheet HTML 7Page - Cypress Semiconductor CY23FP12OXI Datasheet HTML 8Page - Cypress Semiconductor CY23FP12OXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CY23FP12
200 MHz Field Programmable Zero
Delay Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07246 Rev. *G
Revised January 18, 2011
Features
Fully field-programmable
Input and output dividers
Inverting/noninverting outputs
Phase-locked loop (PLL) or fanout buffer configuration
10 MHz to 200 MHz operating range
Split 2.5 V or 3.3 V outputs
Two LVCMOS reference inputs
Twelve low skew outputs
35 ps typical output-to-output skew (same frequency)
110 ps typical cycle-cycle jitter (same frequency)
Three-stateable outputs
Less than 50 μA shutdown current
Spread aware
28-pin SSOP
3.3 V operation
Industrial temperature available
Functional Description
The CY23FP12 is a high performance fully field-programmable
200 MHz zero delay buffer designed for high speed clock distri-
bution. The integrated PLL is designed for low jitter and
optimized for noise rejection. These parameters are critical for
reference clock distribution in systems using high performance
ASICs and microprocessors.
The CY23FP12 is fully programmable through volume or
prototype programmers, enabling the user to define an appli-
cation-specific Zero Delay Buffer with customized input and
output dividers, feedback topology (internal/external), output
inversions, and output drive strengths. For additional flexibility,
the user can mix and match multiple functions listed in Table 2,
and assign a particular function set to any one of the four
possible S1-S2 control bit combinations. This feature enables
the implementation of four distinct personalities, selectable with
S1-S2 bits, on a single programmed silicon. The CY23FP12 also
features a proprietary auto power down circuit that shuts down
the device in case of a REF failure, resulting in less than 50
μA
of current draw.
The CY23FP12 provides 12 outputs grouped in two banks with
separate power supply pins which can be connected indepen-
dently to either a 2.5 V or a 3.3 V rail.
Selectable reference input is a fault tolerance feature which
enables glitch-free switch over to a secondary clock source when
REFSEL is asserted/deasserted.
FBK
÷M
÷N
100 to
400MHz
PLL
CLKA1
CLKA3
CLKA2
REF2
REFSEL
CLKA4
CLKA5
CLKB1
CLKB3
CLKB2
CLKB4
CLKB5
VDDA
VSSA
VDDB
VSSB
÷2
÷3
÷4
÷X
CLKA0
VDDC
VSSC
÷1
Lock Detect
Test Logic
REF1
CLKB0
S[2:1]
Function
Selection
Logic Block Diagram
[+] Feedback


Similar Part No. - CY23FP12OXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12OXI CYPRESS-CY23FP12OXI Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12OXI CYPRESS-CY23FP12OXI Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12OXIT CYPRESS-CY23FP12OXIT Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12OXIT CYPRESS-CY23FP12OXIT Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY23FP12OXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com