Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104LA-BA45XI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14B104LA-BA45XI
Description  4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104LA-BA45XI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14B104LA-BA45XI Datasheet HTML 1Page - Cypress Semiconductor CY14B104LA-BA45XI Datasheet HTML 2Page - Cypress Semiconductor CY14B104LA-BA45XI Datasheet HTML 3Page - Cypress Semiconductor CY14B104LA-BA45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B104LA-BA45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B104LA-BA45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B104LA-BA45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B104LA-BA45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B104LA-BA45XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
CY14B104LA, CY14B104NA
Document Number: 001-49918 Rev. *L
Page 3 of 26
Pinouts
Figure 1. 48-ball FBGA pinouts
Figure 2. 44-pin TSOP II pinouts
WE
VCC
A11
A10
VCAP
A6
A0
A3
CE
NC
NC
DQ0
A4
A5
NC
DQ2
DQ3
NC
VSS
A9
A8
OE
VSS
A7
NC
NC
NC
A17
A2
A1
NC
VCC
DQ4
NC
DQ5
DQ6
NC
DQ7
NC
A15
A14
A13
A
12
HSB
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
A18
NC
DQ1
[4]
WE
VCC
A11
A10
VCAP
A6
A0
A3
CE
DQ10
DQ8
DQ9
A4
A5
DQ13
DQ12
DQ14
DQ15
VSS
A9
A8
OE
VSS
A7
DQ0
BHE
NC
A17
A2
A1
BLE
VCC
DQ2
DQ1
DQ3
DQ4
DQ5 DQ6
DQ7
A15
A14
A13
A
12
HSB
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
NC
NC
DQ11
(not to scale)
Top View
(× 16)
[4]
48-ball FBGA
48-ball FBGA
(not to scale)
Top View
(× 8)
NC
A8
NC
NC
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
NC
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
A15
A16
A17
A18
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44-pin TSOP II
Top View
(not to scale)
A10
NC
WE
DQ7
HSB
NC
VSS
VCC
VCAP
NC
(× 8)
[4]
[5]
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
BLE
A9
CE
A1
A2
A3
A4
A5
A6
A7
A8
A11
A10
A14
BHE
OE
A15
A16
A17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44-pin TSOP II
Top View
(not to scale)
WE
DQ7
A0
VSS
VCC
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
VCAP
(× 16)
(× 16)
(× 8)
[6]
Notes
4. Address expansion for 8-Mbit. NC pin not connected to die.
5. Address expansion for 16-Mbit. NC pin not connected to die.
6. HSB pin is not available in 44-pin TSOP II (× 16) package.


Similar Part No. - CY14B104LA-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA-BA45XI CYPRESS-CY14B104LA-BA45XI Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA-BA45XI CYPRESS-CY14B104LA-BA45XI Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA-BA45XI CYPRESS-CY14B104LA-BA45XI Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104LA-BA45XI CYPRESS-CY14B104LA-BA45XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14B104LA-BA45XIT CYPRESS-CY14B104LA-BA45XIT Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104LA-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com