Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14MC256J Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14MC256J
Description  256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14MC256J Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14MC256J_12 Datasheet HTML 1Page - Cypress Semiconductor CY14MC256J_12 Datasheet HTML 2Page - Cypress Semiconductor CY14MC256J_12 Datasheet HTML 3Page - Cypress Semiconductor CY14MC256J_12 Datasheet HTML 4Page - Cypress Semiconductor CY14MC256J_12 Datasheet HTML 5Page - Cypress Semiconductor CY14MC256J_12 Datasheet HTML 6Page - Cypress Semiconductor CY14MC256J_12 Datasheet HTML 7Page - Cypress Semiconductor CY14MC256J_12 Datasheet HTML 8Page - Cypress Semiconductor CY14MC256J_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CY14MC256J
CY14MB256J
CY14ME256J
256-Kbit (32 K × 8) Serial (I2C) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-65233 Rev. *D
Revised July 25, 2012
256-Kbit (32 K × 8) Serial (I2C) nvSRAM
Features
256-Kbit nonvolatile static random access memory (nvSRAM)
Internally organized as 32 K × 8
STORE to QuantumTrap nonvolatile elements initiated
automatically on power-down (AutoStore) or by using I2C
command (Software STORE) or HSB pin (Hardware STORE)
RECALL to SRAM initiated on power-up (Power-Up
RECALL) or by I2C command (Software RECALL)
Automatic STORE on power-down with a small capacitor
(except for CY14MX256J1)
High reliability
Infinite read, write, and RECALL cycles
1 million STORE cycles to QuantumTrap
Data retention: 20 years at 85 C
High speed I
2C interface
Industry standard 100 kHz and 400 kHz speed
Fast-mode Plus: 1 MHz speed
High speed: 3.4 MHz
Zero cycle delay reads and writes
Write protection
Hardware protection using Write Protect (WP) pin
Software block protection for one quarter, half, or entire array
I
2C access to special functions
Nonvolatile STORE/RECALL
8 byte serial number
Manufacturer ID and Product ID
Sleep mode
Low power consumption
Average active current of 1 mA at 3.4-MHz operation
Average standby mode current of 150 µA
Sleep mode current of 8 µA
Industry standard configurations
Operating voltages:
• CY14MC256J: VCC = 2.4 V to 2.6 V
• CY14MB256J: VCC = 2.7 V to 3.6 V
• CY14ME256J: VCC = 4.5 V to 5.5 V
Industrial temperature
8- and 16-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Overview
The
Cypress
CY14MC256J/CY14MB256J/CY14ME256J
combines a 256-Kbit nvSRAM[1] with a nonvolatile element in
each memory cell. The memory is organized as 32 K words of
8 bits each. The embedded nonvolatile elements incorporate the
QuantumTrap technology, creating the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and write
cycles, while the QuantumTrap cells provide highly reliable
nonvolatile storage of data. Data transfers from SRAM to the
nonvolatile
elements
(STORE
operation)
takes
place
automatically at power-down (except for CY14MX256J1). On
power-up, data is restored to the SRAM from the nonvolatile
memory (RECALL operation). The STORE and RECALL
operations can also be initiated by the user through I2C
commands.
Configuration
Feature
CY14MX256J1 CY14MX256J2 CY14MX256J3
AutoStore
No
Yes
Yes
Software
STORE
Yes
Yes
Yes
Hardware
STORE
No
No
Yes
Slave Address
pins
A2, A1, A0
A2, A1
A2, A1, A0
Serial Number
8 x 8
Manufacturer ID /
Product ID
Memory Control Register
Command Register
I C Control Logic
Slave Address
Decoder
Power Control
Block
Control Registers Slave
Memory
Address and Data
Control
QuantumTrap
32 K x 8
SRAM
32 K x 8
STORE
SDA
SCL
A2, A1, A0
WP
VCC VCAP
RECALL
Sleep
2
Memory Slave
Logic Block Diagram
Note
1. Serial (I2C) nvSRAM is referred to as nvSRAM throughout the datasheet.


Similar Part No. - CY14MC256J_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14MC256J_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14E256LA CYPRESS-CY14E256LA_12 Datasheet
834Kb / 19P
   256-Kbit (32 K 횞 8) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14C256I CYPRESS-CY14C256I_12 Datasheet
2Mb / 40P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com