Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E256LA-SZ45XIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14E256LA-SZ45XIT
Description  256-Kbit (32 K 횞 8) nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E256LA-SZ45XIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14E256LA-SZ45XIT Datasheet HTML 3Page - Cypress Semiconductor CY14E256LA-SZ45XIT Datasheet HTML 4Page - Cypress Semiconductor CY14E256LA-SZ45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14E256LA-SZ45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14E256LA-SZ45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14E256LA-SZ45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14E256LA-SZ45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14E256LA-SZ45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14E256LA-SZ45XIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY14E256LA
Document Number: 001-54952 Rev. *I
Page 7 of 19
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –65
C to +150 C
Maximum accumulated storage time:
At 150
C ambient temperature ...................... 1000 h
At 85
C ambient temperature .................... 20 Years
Ambient temperature
with power applied ................................... –55
C to +150 C
Supply voltage on VCC relative to VSS ...........–0.5 V to 7.0 V
Voltage applied to
outputs in high Z state ........................ –0.5 V to VCC + 0.5 V
Input voltage ....................................... –0.5 V to VCC + 0.5 V
Transient voltage (< 20 ns) on
any pin to ground potential ................. –2.0 V to VCC + 2.0 V
Package power dissipation
capability (TA = 25 °C) ................................................. 1.0 W
Surface mount Pb soldering
temperature (3 seconds) ......................................... +260
C
DC output current (1 output at a time, 1 s duration) ... 15 mA
Static discharge voltage
(per MIL-STD-883, Method 3015) ......................... > 2001 V
Latch up current .................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Industrial
–40
C to +85 C
4.5 V to 5.5 V
DC Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ [9]
Max
Unit
VCC
Power supply
4.5
5.0
5.5
V
ICC1
Average VCC current
tRC = 25 ns
tRC = 45 ns
Values obtained without output loads
(IOUT = 0 mA)
––
70
52
mA
mA
ICC2
Average VCC current during
STORE
All inputs don’t care, VCC = Max
Average current for duration tSTORE
––
10
mA
ICC3
Average VCC current at
tRC= 200 ns, VCC(Typ), 25 °C
All inputs cycling at CMOS levels.
Values obtained without output loads
(IOUT = 0 mA).
–35–
mA
ICC4
Average VCAP current during
AutoStore cycle
All inputs don’t care. Average current
for duration tSTORE
––
8
mA
ISB
VCC standby current
CE > (VCC – 0.2 V).
VIN < 0.2 V or > (VCC – 0.2 V).
Standby current level after nonvolatile
cycle is complete.
Inputs are static. f = 0 MHz.
––
8
mA
IIX[10]
Input leakage current (except
HSB)
VCC = Max, VSS < VIN < VCC
–1
+1
A
Input leakage current (for HSB)VCC = Max, VSS < VIN < VCC
–100
+1
A
IOZ
Off-state output leakage current VCC = Max, VSS < VOUT < VCC,
CE or OE > VIH or WE < VIL
–1
+1
A
VIH
Input HIGH voltage
2.0
VCC + 0.5
V
VIL
Input LOW voltage
VSS – 0.5
0.8
V
VOH
Output HIGH voltage
IOUT = –2 mA
2.4
V
VOL
Output LOW voltage
IOUT = 4 mA
0.4
V
Notes
9. Typical values are at 25 °C, VCC = VCC(Typ). Not 100% tested.
10. The HSB pin has IOUT = –2 µA for VOH of 2.4 V when both active high and low drivers are disabled. When they are enabled standard VOH and VOL are valid. This
parameter is characterized but not tested.


Similar Part No. - CY14E256LA-SZ45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E256LA-SZ45XIT CYPRESS-CY14E256LA-SZ45XIT Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14E256LA-SZ45XIT CYPRESS-CY14E256LA-SZ45XIT Datasheet
730Kb / 19P
   256-Kbit (32 K 횞 8) Nonvolatile SRAM
More results

Similar Description - CY14E256LA-SZ45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14V256LA CYPRESS-CY14V256LA Datasheet
491Kb / 22P
   256-Kbit (32K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com