Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B512Q2A-SXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14B512Q2A-SXI
Description  512-Kbit (64 K 횞 8) SPI nvSRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512Q2A-SXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14B512Q2A-SXI Datasheet HTML 1Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 2Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 3Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 4Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 5Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 6Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
CY14C512Q
CY14B512Q
CY14E512Q
Document Number: 001-65267 Rev. *D
Page 3 of 32
Pinouts
Figure 1. 8-pin SOIC pinout [2, 3, 4]
Figure 2. 16-pin SOIC pinout
HOLD
SCK
1
2
3
4
5
CS
8
7
6
VCC
SI
SO
WP
Top View
not to scale
CY14X512Q1A
VSS
HOLD
SCK
1
2
3
4
5
CS
8
7
6
VCC
SI
SO
Top View
not to scale
CY14X512Q2A
V
CAP
VSS
NC
V
WP
VCAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
VCC
SO
SI
SCK
CS
HSB
NC
NC
NC
HOLD
NC
Top View
not to scale
SS
CY14X512Q3A
Pin Definitions
Pin Name [2, 3, 4]
I/O Type
Description
CS
Input
Chip Select. Activates the device when pulled LOW. Driving this pin high puts the device in low
power standby mode.
SCK
Input
Serial Clock. Runs at speeds up to a maximum of fSCK. Serial input is latched at the rising edge of
this clock. Serial output is driven at the falling edge of the clock.
SI
Input
Serial Input. Pin for input of all SPI instructions and data.
SO
Output
Serial Output. Pin for output of data through SPI.
WP
Input
Write Protect. Implements hardware write protection in SPI.
HOLD
Input
HOLD Pin. Suspends Serial Operation.
HSB
Input/Output Hardware STORE Busy:
Output: Indicates busy status of nvSRAM when LOW. After each Hardware and Software STORE
operation HSB is driven HIGH for a short time (tHHHD) with standard output high current and then
a weak internal pull up resistor keeps this pin HIGH (External pull up resistor connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply AutoStore Capacitor. Supplies power to the nvSRAM during power loss to STORE data from the
SRAM to nonvolatile elements. If AutoStore is not needed, this pin must be left as No Connect. It
must never be connected to ground.
NC
No connect No Connect: This pin is not connected to the die.
VSS
Power supply Ground
VCC
Power supply Power supply
Notes
2. HSB pin is not available in 8-pin SOIC packages (CY14X512Q1A/CY14X512Q2A).
3. CY14X512Q1A part does not have VCAP pin and does not support AutoStore.
4. CY14X512Q2A part does not have WP pin.


Similar Part No. - CY14B512Q2A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q2A-SXI CYPRESS-CY14B512Q2A-SXI Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B512Q2A-SXIT CYPRESS-CY14B512Q2A-SXIT Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
More results

Similar Description - CY14B512Q2A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512PA CYPRESS-CY14C512PA_12 Datasheet
1Mb / 42P
   512-Kbit (64 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com