Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101NA-ZS45XIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B101NA-ZS45XIT
Description  1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101NA-ZS45XIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B101NA-ZS45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101NA-ZS45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101NA-ZS45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101NA-ZS45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B101NA-ZS45XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B101NA-ZS45XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B101NA-ZS45XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B101NA-ZS45XIT Datasheet HTML 14Page - Cypress Semiconductor CY14B101NA-ZS45XIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CY14B101LA
CY14B101NA
Document Number: 001-42879 Rev. *O
Page 11 of 29
AC Test Conditions
Input pulse levels ...................................................0 V to 3 V
Input rise and fall times (10%–90%) ........................... < 3 ns
Input and output timing reference levels ....................... 1.5 V
AC Test Loads
Figure 5. AC Test Loads
3.0 V
OUTPUT
5 pF
R1
R2
789
3.0 V
OUTPUT
30 pF
R1
R2
789
for tristate specs
577
577


Similar Part No. - CY14B101NA-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101NA-ZS45XIT CYPRESS-CY14B101NA-ZS45XIT Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101NA-ZS45XIT CYPRESS-CY14B101NA-ZS45XIT Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
More results

Similar Description - CY14B101NA-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com