Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101LA-BA45XI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B101LA-BA45XI
Description  1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101LA-BA45XI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B101LA-BA45XI Datasheet HTML 1Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 2Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 3Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
CY14B101LA
CY14B101NA
Document Number: 001-42879 Rev. *O
Page 4 of 29
Figure 3. 48-ball FBGA and 54-pin TSOP II pinout
Pinouts (continued)
NC
DQ7
DQ6
DQ5
DQ4
VCC
DQ3
DQ2
DQ1
DQ0
NC
A0
A1
A2
A3
A4
A5
A6
A7
VCAP
WE
A8
A10
A11
A12
A13
A14
A15
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
54 - TSOP II
Top View
(not to scale)
OE
CE
VCC
NC
VSS
NC
A9
NC
NC
NC
NC
NC
NC
54
53
52
51
49
50
HSB
BHE
BLE
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
(x16)
[11]
[12]
[9]
[10]
WE
VCC
A11
A10
VCAP
A6
A0
A3
CE
NC
NC
DQ0
A4
A5
NC
DQ2
DQ3
NC
VSS
A9
A8
OE
VSS
A7
NC
NC
NC
NC
A2
A1
NC
VCC
DQ4
NC
DQ5
DQ6
NC
DQ7
NC
A15
A14
A13
A
12
HSB
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
NC
NC
DQ1
48-FBGA
(not to scale)
Top View
(x8)
[11]
[9]
[10]
Notes
9. Address expansion for 2-Mbit. NC pin not connected to die.
10. Address expansion for 4-Mbit. NC pin not connected to die.
11. Address expansion for 8-Mbit. NC pin not connected to die.
12. Address expansion for 16-Mbit. NC pin not connected to die.


Similar Part No. - CY14B101LA-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA-BA45XI CYPRESS-CY14B101LA-BA45XI Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-BA45XIT CYPRESS-CY14B101LA-BA45XIT Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
More results

Similar Description - CY14B101LA-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com