Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256LA-SZ45XI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B256LA-SZ45XI
Description  256-Kbit (32 K 횞 8) nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256LA-SZ45XI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B256LA-SZ45XI Datasheet HTML 1Page - Cypress Semiconductor CY14B256LA-SZ45XI Datasheet HTML 2Page - Cypress Semiconductor CY14B256LA-SZ45XI Datasheet HTML 3Page - Cypress Semiconductor CY14B256LA-SZ45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B256LA-SZ45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B256LA-SZ45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B256LA-SZ45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B256LA-SZ45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B256LA-SZ45XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CY14B256LA
Document Number: 001-54707 Rev. *I
Page 4 of 22
Pin Definitions
Pin Name
I/O Type
Description
A0–A14
Input
Address inputs. Used to select one of the 32,768 bytes of the nvSRAM.
DQ0–DQ7 Input/Output Bidirectional data I/O lines. Used as input or output lines depending on operation.
WE
Input
Write enable input, active LOW. When the chip is enabled and WE is LOW, data on the I/O pins is written
to the specific address location.
CE
Input
Chip enable input, active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
Input
Output enable, active LOW. The active LOW OE input enables the data output buffers during read cycles.
I/O pins are tristated on deasserting OE HIGH.
VSS
Ground
Ground for the device. Must be connected to the ground of the system.
VCC
Power supply Power supply inputs to the device. 3.0 V +20%, –10%
HSB
Input/Output Hardware STORE busy (HSB). When LOW this output indicates that a Hardware STORE is in progress.
When pulled LOW external to the chip it initiates a nonvolatile STORE operation. After each Hardware
and Software STORE operation HSB is driven HIGH for a short time (tHHHD) with standard output high
current and then a weak internal pull-up resistor keeps this pin HIGH (External pull-up resistor connection
optional).
VCAP
Power supply AutoStore capacitor. Supplies power to the nvSRAM during power loss to store data from SRAM to
nonvolatile elements.
NC
No connect No connect. This pin is not connected to the die.


Similar Part No. - CY14B256LA-SZ45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA-SZ45XI CYPRESS-CY14B256LA-SZ45XI Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14B256LA-SZ45XI CYPRESS-CY14B256LA-SZ45XI Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA-SZ45XIT CYPRESS-CY14B256LA-SZ45XIT Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14B256LA-SZ45XIT CYPRESS-CY14B256LA-SZ45XIT Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results

Similar Description - CY14B256LA-SZ45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA_12 Datasheet
834Kb / 19P
   256-Kbit (32 K 횞 8) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14V256LA CYPRESS-CY14V256LA Datasheet
491Kb / 22P
   256-Kbit (32K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com