Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101I-SFXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B101I-SFXI
Description  1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101I-SFXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B101I-SFXI Datasheet HTML 1Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 2Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 3Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 4Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 5Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
PRELIMINARY
CY14C101I
CY14B101I
CY14E101I
1-Mbit (128 K × 8) Serial (I2C) nvSRAM
with Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-54391 Rev. *G
Revised July 24, 2012
1-Mbit (128 K × 8) Serial (I2C) nvSRAM with Real Time Clock
Features
1-Mbit nonvolatile static random access memory (nvSRAM)
Internally organized as 128 K × 8
STORE to QuantumTrap nonvolatile elements initiated
automatically on power-down (AutoStore) or by using I2C
command (Software STORE) or HSB pin (Hardware STORE)
RECALL to SRAM initiated on power-up (Power-Up
RECALL) or by I2C command (Software RECALL)
Automatic STORE on power-down with a small capacitor
High reliability
Infinite read, write, and RECALL cycles
1 million STORE cycles to QuantumTrap
Data retention: 20 years at 85C
Real Time Clock (RTC)
Full-featured RTC
Watchdog timer
Clock alarm with programmable interrupts
Backup power fail indication
Square wave output with programmable frequency (1 Hz,
512 Hz, 4096 Hz, 32.768 kHz)
Capacitor or battery backup for RTC
Backup current of 0.45 µA (typical)
High-speed I
2C interface
Industry standard 100 kHz and 400 kHz speed
Fast mode Plus: 1 MHz speed
High speed: 3.4 MHz
Zero cycle delay reads and writes
Write protection
Hardware protection using Write Protect (WP) pin
Software block protection for 1/4, 1/2, or entire array
I
2C access to special functions
Nonvolatile STORE/RECALL
8-byte serial number
Manufacturer ID and Product ID
Sleep mode
Low power consumption
Average active current of 1 mA at 3.4 MHz operation
Average standby mode current of 250 µA
Sleep mode current of 8 µA
Industry standard configurations
Operating voltages:
• CY14C101I: VCC = 2.4 V to 2.6 V
• CY14B101I: VCC = 2.7 V to 3.6 V
• CY14E101I: VCC = 4.5 V to 5.5 V
Industrial temperature
16-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Overview
The Cypress CY14C101I/CY14B101I/CY14E101I combines a
1-Mbit nvSRAM[1] with a full-featured RTC in a monolithic
integrated circuit with serial I2C interface. The memory is
organized as 128 K words of 8 bits each. The embedded
nonvolatile elements incorporate the QuantumTrap technology,
creating the world’s most reliable nonvolatile memory. The
SRAM provides infinite read and write cycles, while the
QuantumTrap cells provide highly reliable nonvolatile storage of
data. Data transfers from SRAM to the nonvolatile elements
(STORE operation) takes place automatically at power-down.
On power-up, data is restored to the SRAM from the nonvolatile
memory (RECALL operation). The STORE and RECALL
operations can also be initiated by the user through I2C
commands.
Note
1. Serial (I2C) nvSRAM will be referred to as nvSRAM throughout the datasheet.
Serial Number
8 x 8
Manufacturer ID /
Product ID
Memory Control Register
Command Register
I C Control Logic
Slave Address
Decoder
Power Control
Block
Control Registers Slave
Memory
Address and Data
Control
Quantum Trap
128 K x 8
SRAM
128 K x 8
STORE
SDA
SCL
A2, A1
WP
VCC VCAP
RECALL
RTC Control Logic
Registers
Counters
INT/SQW
X in
Xout
VRTCcap VRTCbat
RTC Slave
Sleep
2
Memory Slave
Logic Block Diagram


Similar Part No. - CY14B101I-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101I-SFXI CYPRESS-CY14B101I-SFXI Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101I-SFXI CYPRESS-CY14B101I-SFXI Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101I-SFXIT CYPRESS-CY14B101I-SFXIT Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101I-SFXIT CYPRESS-CY14B101I-SFXIT Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101I-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com