Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14C101I Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14C101I
Description  1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14C101I Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14C101I_12 Datasheet HTML 4Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 5Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 6Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 7Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 8Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 9Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 10Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 11Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
PRELIMINARY
CY14C101I
CY14B101I
CY14E101I
Document Number: 001-54391 Rev. *G
Page 8 of 41
Memory Control Register
The Memory Control Register contains the following bits:
BP1:BP0: Block protect bits are used to protect 1/4, 1/2 or full
memory array. These bits can be written through a write
instruction to the 0x00 location of the Control Register Slave
device. However, any STORE cycle transfers SRAM data into
a nonvolatile cell regardless of whether or not the block is
protected. The default value shipped from the factory for BP0
and BP1 is ‘0’.
SNL (S/N Lock) Bit: Serial Number Lock bit (SNL) is used to
lock the serial number. Once the bit is set to ‘1’, the serial
number registers are locked and no modification is allowed.
This bit cannot be cleared to ‘0’. The serial number is secured
on the next STORE operation (Software STORE or AutoStore).
If AutoStore is not enabled, user must perform the Software
STORE operation to secure the lock bit status. If a STORE was
not performed, the serial number lock bit will not survive the
power cycle. The default value shipped from the factory for SNL
is ‘0’.
Command Register
The Command Register resides at address ‘AA’ of the Control
Registers Slave device. This is a write only register. The byte
written to this register initiates a STORE, RECALL, AutoStore
Enable, AutoStore Disable, and Sleep mode operation as listed
in Table 5. The section Executing Commands Using Command
Register on page 19 explains how you can execute Command
Register bytes.
STORE: Initiates nvSRAM Software STORE. The nvSRAM
cannot be accessed for tSTORE time after this instruction has
been executed. When initiated, the device performs a STORE
operation regardless of whether or not a write has been
performed since the last NV operation. After the tSTORE cycle
time is completed, the SRAM is activated again for read/write
operations.
RECALL: Initiates nvSRAM Software RECALL. The nvSRAM
cannot be accessed for tRECALL time after this instruction has
been executed. The RECALL operation does not alter the data
in the nonvolatile elements. A RECALL may be initiated in two
ways: Hardware RECALL, initiated on power-up; and Software
RECALL, initiated by a I2C RECALL instruction.
ASENB: Enables nvSRAM AutoStore. The nvSRAM cannot be
accessed for tSS time after this instruction has been executed.
This setting is not nonvolatile and needs to be followed by a
manual STORE sequence if this is desired to survive the power
cycle. The part comes from the factory with AutoStore Enabled
and 0x00 written in all cells.
ASDISB: Disables nvSRAM AutoStore. The nvSRAM cannot
be accessed for tSS time after this instruction has been
executed. This setting is not nonvolatile and needs to be
followed by a manual STORE sequence if this is desired to
survive power cycle.
Note If AutoStore is disabled and VCAP is not required, it is
required that the VCAP pin is left open. VCAP pin must never be
Figure 9. Control Registers Slave Device Address
Table 2. Control Registers Map
Address
Description
Read/Write
Details
0x00
Memory
Control
Register
Read/Write Contains Block
Protect bits and Serial
Number lock bit
0x01
Serial Number
8 bytes
Read/Write
(Read only
when SNL
is set)
Programmable Serial
Number. Locked by
setting the Serial
Number lock bit in the
Memory Control
Register to ‘1’.
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
Device ID
Read only Device ID is factory
programmed
0x0A
0x0B
0x0C
0x0D
Reserved
Reserved
Reserved
0xAA
Command
Register
Write only
Allows commands for
STORE, RECALL,
AutoStore
Enable/Disable,
SLEEP Mode
Table 3. Memory Control Register Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0SNL
(0)
00
BP1
(0)
BP0
(0)
00
Table 4. Block Protection
Level
BP1:BP0
Block Protection
0
00
None
1/4
01
0x18000–0x1FFFF
1/2
10
0x10000–0x1FFFF
1
11
0x00000–0x1FFFF
handbook, halfpage
R/W
LSB
MSB
Slave ID
00
1
1
A2
X
A1
Device
Select
Table 5. Command Register Bytes
Data Byte
[7:0]
Command
Description
0011 1100
STORE
STORE SRAM data to nonvolatile
memory
0110 0000
RECALL
RECALL data from nonvolatile
memory to SRAM
0101 1001
ASENB
Enable AutoStore
0001 1001
ASDISB
Disable AutoStore
1011 1001
SLEEP
Enter Sleep Mode for low power
consumption


Similar Part No. - CY14C101I_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14C101I_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com