Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B512Q2-LHXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14B512Q2-LHXI
Description  512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512Q2-LHXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14B512Q2-LHXI Datasheet HTML 1Page - Cypress Semiconductor CY14B512Q2-LHXI Datasheet HTML 2Page - Cypress Semiconductor CY14B512Q2-LHXI Datasheet HTML 3Page - Cypress Semiconductor CY14B512Q2-LHXI Datasheet HTML 4Page - Cypress Semiconductor CY14B512Q2-LHXI Datasheet HTML 5Page - Cypress Semiconductor CY14B512Q2-LHXI Datasheet HTML 6Page - Cypress Semiconductor CY14B512Q2-LHXI Datasheet HTML 7Page - Cypress Semiconductor CY14B512Q2-LHXI Datasheet HTML 8Page - Cypress Semiconductor CY14B512Q2-LHXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
CY14B512Q1
CY14B512Q2
CY14B512Q3
Document Number: 001-53873 Rev. *H
Page 5 of 27
Device Operation
CY14B512Q1/CY14B512Q2/CY14B512Q3
is
a
512-Kbit
nvSRAM memory with a nonvolatile element in each memory
cell. All the reads and writes to nvSRAM happen to the SRAM
which gives nvSRAM the unique capability to handle infinite
writes to the memory. The data in SRAM is secured by a STORE
sequence that transfers the data in parallel to the nonvolatile
QuantumTrap cells. A small capacitor (VCAP) is used to
AutoStore the SRAM data in nonvolatile cells when power goes
down providing power-down data security. The QuantumTrap
nonvolatile elements built in the reliable SONOS technology
make nvSRAM the ideal choice for secure data storage.
The 512-Kbit memory array is organized as 64 K words × 8 bits.
The memory is accessed through a standard SPI interface that
enables very high clock speeds up to 40 MHz with zero cycle
delay read and write cycles. This device supports SPI modes 0
and 3 (CPOL, CPHA = 0, 0 and 1, 1) and operates as SPI slave.
The device is enabled using the chip select (CS) pin and
accessed through serial input (SI), serial output (SO), and serial
clock (SCK) pins.
This device provides the feature for hardware and software write
protection through the WP pin and WRDI instruction respectively
along with mechanisms for block write protection (one quarter,
one half, or full array) using BP0 and BP1 pins in the Status
Register. Further, the HOLD pin can be used to suspend any
serial communication without resetting the serial sequence.
CY14B512Q1/CY14B512Q2/CY14B512Q3 uses the standard
SPI opcodes for memory access. In addition to the general SPI
instructions for read and write, it provides four special
instructions which enable access to four nvSRAM specific
functions: STORE, RECALL, AutoStore Disable (ASDISB), and
AutoStore Enable (ASENB).
The major benefit of nvSRAM over serial EEPROMs is that all
reads and writes to nvSRAM are performed at the speed of SPI
bus with zero cycle delay. Therefore, no wait time is required
after any of the memory accesses. The STORE and RECALL
operations need finite time to complete and all memory accesses
are inhibited during this time. While a STORE or RECALL
operation is in progress, the busy status of the device is indicated
by the Hardware STORE Busy (HSB) pin and also reflected on
the RDY bit of the Status Register.
The device is available in three different pin configurations that
enable the user to choose a part which fits in best in their
application
. The feature summary is given in Table 1.
SRAM Write
All writes to nvSRAM are carried out on the SRAM and do not
use up any endurance cycles of the nonvolatile memory. This
enables the user to perform infinite write operations. A write cycle
is performed through the WRITE instruction. The WRITE
instruction is issued through the SI pin of the nvSRAM and
consists of the WRITE opcode, two bytes of address, and one
byte of data. Write to nvSRAM is done at SPI bus speed with zero
cycle delay.
The device allows burst mode writes to be performed through
SPI. This enables write operations on consecutive addresses
without issuing a new WRITE instruction. When the last address
in memory is reached in burst mode, the address rolls over to
0x0000 and the device continues to write.
The SPI write cycle sequence is defined in the memory access
section of SPI protocol description.
SRAM Read
A read cycle is performed at the SPI bus speed and the data is
read out with zero cycle delay after the READ instruction is
executed. The READ instruction is issued through the SI pin of
the nvSRAM and consists of the READ opcode and two bytes of
address. The data is read out on the SO pin.
This device allows burst mode reads to be performed through
SPI. This enables reads on consecutive addresses without
issuing a new READ instruction. When the last address in
memory is reached in burst mode read, the address rolls over to
0x0000 and the device continues to read.
The SPI read cycle sequence is defined in the memory access
section of SPI protocol description.
STORE Operation
STORE operation transfers the data from the SRAM to the
nonvolatile QuantumTrap cells. The device STOREs data to the
nonvolatile cells using one of the three STORE operations:
AutoStore, activated on device power-down; Software STORE,
activated by a STORE instruction; and Hardware STORE,
activated by the HSB. During the STORE cycle, an erase of the
previous nonvolatile data is first performed, followed by a
program of the nonvolatile elements. After a STORE cycle is
initiated,
read/write
to
CY14B512Q1/CY14B512Q2/CY14B512Q3 is inhibited until the
cycle is completed.
The HSB signal or the RDY bit in the Status Register can be
monitored by the system to detect if a STORE or Software
RECALL cycle is in progress. The busy status of nvSRAM is
indicated by HSB being pulled LOW or RDY bit being set to ‘1’.
To avoid unnecessary nonvolatile STOREs, AutoStore and
Hardware STORE operations are ignored unless at least one
write operation has taken place since the most recent STORE or
RECALL cycle. However, software initiated STORE cycles are
performed regardless of whether a write operation has taken
place.
Table 1. Feature Summary
Feature
CY14B512Q1 CY14B512Q2 CY14B512Q3
WP
Yes
No
Yes
VCAP
No
Yes
Yes
HSB
No
No
Yes
AutoStore
No
Yes
Yes
Power-Up RECALL
Yes
Yes
Yes
Hardware STORE
No
No
Yes
Software STORE
Yes
Yes
Yes
Software RECALL
Yes
Yes
Yes


Similar Part No. - CY14B512Q2-LHXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q2-LHXI CYPRESS-CY14B512Q2-LHXI Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q2-LHXI CYPRESS-CY14B512Q2-LHXI Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
More results

Similar Description - CY14B512Q2-LHXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14B512P CYPRESS-CY14B512P Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com