Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL4066B Datasheet(PDF) 3 Page - System Logic Semiconductor

Part No. SL4066B
Description  Quad Bilateral Switch
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLS [System Logic Semiconductor]
Homepage  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4066B Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL4066B Datasheet HTML 1Page - System Logic Semiconductor SL4066B Datasheet HTML 2Page - System Logic Semiconductor SL4066B Datasheet HTML 3Page - System Logic Semiconductor SL4066B Datasheet HTML 4Page - System Logic Semiconductor SL4066B Datasheet HTML 5Page - System Logic Semiconductor SL4066B Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SL4066B
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C
25
°C
≤125
°C
Unit
VIH
Minimum High-Level
Voltage ON/Off
Control Inputs
RON= Per Spec
5.0
10
15
3.5(Min)
7(Min)
11(Min)
V
VIL
Minimum Low-Level
Voltage ON/Off
Control Inputs
RON = Per Spec
5.0
10
15
1
2
2
1
2
2
1
2
2
V
IIN
Maximum Input
Leakage Current,
ON/OFF Control
Inputs
VIN = VCC or GND
18
±0.1
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN = VCC or GND
5.0
10
15
20
0.25
0.5
1
5
0.25
0.5
1
5
7.5
15
30
150
µA
RON
Maximum “ON”
Resistance
VC= VCC
RL=10 k
Ω returned
to
VCC - GND
2
VIS= GND to VCC
5.0
10
15
800
310
200
1050
400
240
1300
550
320
∆R
ON
Maximum Difference
in “ON” Resistance
Between Any Two
Channels in the Same
Package
VC= VCC
RL=10 k
5.0
10
15
-
-
-
15
10
5
-
-
-
IOFF
Maximum Off-Channel
Leakage Current, Any
One Channel
VC= 0 V
VIS=18 V; VOS= 0 V
VIS=0 V; VOS= 18V
18
±0.1
±0.1
±1.0
µA
ION
Maximum On-Channel
Leakage Current, Any
One Channel
VC= 0 V
VIS=18 V; VOS= 0 V
VIS=0 V; VOS= 18V
18
±0.1
±0.1
±1.0
µA


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVQ4066QUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
TC4066BPQUAD BILATERAL SWITCH 1 2 3 4 5 MoreToshiba Semiconductor
M74HC4066QUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
CD4066BMQuad Bilateral Switch 1 2 3 4 5 MoreNational Semiconductor (TI)
TC74HC4066APQUAD BILATERAL SWITCH 1 2 3 4 5 MoreToshiba Semiconductor
HCC4016BQUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
HCC4066BOR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1 2 3 4 5 MoreSTMicroelectronics
CD54HC4066High-Speed CMOS Logic Quad Bilateral Switch 1 2 3 4 5 MoreTexas Instruments
HCF4066BQUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1 2 3 4 5 MoreSTMicroelectronics
LC4966Quad Bilateral Switch 1 2 3 4 5 MoreSanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn