Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B512Q1 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14B512Q1
Description  512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512Q1 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14B512Q1_12 Datasheet HTML 1Page - Cypress Semiconductor CY14B512Q1_12 Datasheet HTML 2Page - Cypress Semiconductor CY14B512Q1_12 Datasheet HTML 3Page - Cypress Semiconductor CY14B512Q1_12 Datasheet HTML 4Page - Cypress Semiconductor CY14B512Q1_12 Datasheet HTML 5Page - Cypress Semiconductor CY14B512Q1_12 Datasheet HTML 6Page - Cypress Semiconductor CY14B512Q1_12 Datasheet HTML 7Page - Cypress Semiconductor CY14B512Q1_12 Datasheet HTML 8Page - Cypress Semiconductor CY14B512Q1_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
CY14B512Q1
CY14B512Q2
CY14B512Q3
Document Number: 001-53873 Rev. *H
Page 3 of 27
Pinouts
Figure 1. 8-pin DFN pinout [2, 3, 4]
Figure 2. 16-pin SOIC pinout
PAD
1
4
2
3
8
5
7
6
SI
VCC
SCK
SO
CS
WP
CY14B512Q1
Top View
(not to scale)
VSS
PAD
1
4
2
3
8
5
7
6
SI
VCC
SCK
HOLD
SO
CS
VCAP
CY14B512Q2
Top View
(not to scale)
HOLD
EXPOSED
EXPOSED
O
O
VSS
NC
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
V
CC
SO
SI
SCK
CS
HSB
NC
NC
NC
HOLD
NC
CY14B512Q3
Top View
not to scale
V
SS
Notes
2. HSB pin is not available in 8-pin DFN packages.
3. CY14B512Q1 part does not have VCAP pin and does not support AutoStore.
4. CY14B512Q2 part does not have WP pin.


Similar Part No. - CY14B512Q1_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
More results

Similar Description - CY14B512Q1_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14B512P CYPRESS-CY14B512P Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com