Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CPLC20-OCD Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8CPLC20-OCD
Description  Powerline Communication Solution
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CPLC20-OCD Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8CPLC20-OCD Datasheet HTML 3Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 4Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 5Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 6Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 7Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 8Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 9Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 10Page - Cypress Semiconductor CY8CPLC20-OCD Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
CY8CPLC20
Document Number: 001-48325 Rev. *K
Page 7 of 56
0x0A
RequestRemote_Data
Request data from a Remote
Node
Payload = Local TX
Data
If Local Service Type = 1,
Response = Ack
Then, the remote node host
must send a
ResponseRemote_Data
command. The response must
be completely transmitted
within 1.5s of receiving the
request. Otherwise, the
requesting node will time out.
0x0B
ResponseRemote_Data
Transmit response data to a
Remote Node.
Payload = Local TX
Data
None
0x0C
SetRemote_BIU
Enables/Disables BIU function-
ality at the remote node
0 - Enable Remote BIU
1 - Disable Remote BIU
If Remote Lock Config = 0,
Response = 00 (Success)
If Remote Lock Config = 1,
Response = 01 (Denied)
0x0D
SetRemote_ThresholdValue
Sets the Threshold Value at the
Remote node
3-bit Remote
Threshold Value
If Remote Lock Config = 0,
Response = 00 (Success)
If Remote Lock Config = 1,
Response = 01 (Denied)
0x0E
SetRemote_GroupMembership Sets the Group Membership of
the Remote node
Byte0 - Remote SIngle
Group Membership
Address
Byte1- Remote Multiple
Group Membership
Address
If Remote Lock Config = 0,
Response = 00 (Success)
If Remote Lock Config = 1,
Response = 01 (Denied)
0x0F
GetRemote_GroupMembership Gets the Group Membership of
the Remote node
None
If Remote TX Enable = 0,
Response = None
If Remote TX Enable = 1,
Response =
Byte0 - Remote SIngle Group
Membership Address
Byte1- Remote Multiple Group
Membership Address
0x10 -
0x2F
Reserved
0x30 -
0xFF
User Defined Command Set
Table 2-3. Remote Commands (continued)
Cmd ID
Command Name
Description
Payload (TX Data)
Response (RX Data)


Similar Part No. - CY8CPLC20-OCD

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC20-OCD CYPRESS-CY8CPLC20-OCD Datasheet
1Mb / 44P
   Powerline Communication Solution
CY8CPLC20-OCD CYPRESS-CY8CPLC20-OCD Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
More results

Similar Description - CY8CPLC20-OCD

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10 Datasheet
1Mb / 25P
   Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20 Datasheet
1Mb / 44P
   Powerline Communication Solution
CY8CPLC10 CYPRESS-CY8CPLC10_11 Datasheet
986Kb / 34P
   Powerline Communication Solution
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
   Powerline Communication Solution Integrated Powerline Modem PHY
CY8CPLC20 CYPRESS-CY8CPLC20_11 Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
   CAN over Powerline Communication
DCB500 YAMAR-DCB500 Datasheet
168Kb / 1P
   Transceiver for Powerline Communication
logo
STMicroelectronics
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
   Broadband powerline communication SoC optimized
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
MAX20340 MAXIM-MAX20340_V01 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com