Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C24223A-24SXIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C24223A-24SXIT
Description  PSoC짰 Programmable System-on-Chip
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24223A-24SXIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C24223A-24SXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C24223A-24SXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C24223A-24SXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C24223A-24SXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C24223A-24SXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C24223A-24SXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C24223A-24SXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C24223A-24SXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C24223A-24SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
CY8C24123A
CY8C24223A
CY8C24423A
Document Number: 38-12028 Rev. *R
Page 4 of 65
Analog System
The analog system consists of six configurable blocks, each
consisting of an opamp circuit that allows the creation of complex
analog signal flows. Analog peripherals are very flexible and can
be customized to support specific application requirements.
Some of the more common PSoC analog functions (most
available as user modules) are:
ADCs (up to two, with 6- to 14-bit resolution, selectable as
incremental, delta sigma, and SAR)
Filters (two and four pole band-pass, low-pass, and notch)
Amplifiers (up to two, with selectable gain to 48x)
Instrumentation amplifiers (one with selectable gain to 93x)
Comparators (up to two, with 16 selectable thresholds)
DACs (up to two, with 6 to 9-bit resolution)
Multiplying DACs (up to two, with 6 to 9-bit resolution)
High current output drivers (two with 30 mA drive as a PSoC
Core resource)
1.3 V reference (as a system resource)
DTMF dialer
Modulators
Correlators
Peak detectors
Many other topologies possible
Analog blocks are arranged in a column of three, which includes
one continuous time (CT) and two switched capacitor (SC)
blocks, as shown in Figure 2
Figure 2. Analog System Block Diagram
ACB00
ACB01
Block Array
Array Input Configuration
ACI1[1:0]
ASD20
ACI0[1:0]
P0[6]
P0[4]
P0[2]
P0[0]
P2[2]
P2[0]
P2[6]
P2[4]
P0[7]
P0[5]
P0[3]
P0[1]
P2[3]
P2[1]
Reference
Generators
AGNDIn
RefIn
Bandgap
RefHi
RefLo
AGND
ASD11
ASC21
ASC10
Interface to
Digital System
M8C Interface (Address Bus, Data Bus, Etc.)
Analog Reference


Similar Part No. - CY8C24223A-24SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24223A-24SXIT CYPRESS-CY8C24223A-24SXIT Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C24223A-24SXIT CYPRESS-CY8C24223A-24SXIT Datasheet
796Kb / 55P
   PSoC짰 Mixed-Signal Array
CY8C24223A-24SXIT CYPRESS-CY8C24223A-24SXIT Datasheet
1Mb / 55P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C24223A-24SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com