Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C24223A-24PVXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C24223A-24PVXI
Description  PSoC짰 Programmable System-on-Chip
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24223A-24PVXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C24223A-24PVXI Datasheet HTML 1Page - Cypress Semiconductor CY8C24223A-24PVXI Datasheet HTML 2Page - Cypress Semiconductor CY8C24223A-24PVXI Datasheet HTML 3Page - Cypress Semiconductor CY8C24223A-24PVXI Datasheet HTML 4Page - Cypress Semiconductor CY8C24223A-24PVXI Datasheet HTML 5Page - Cypress Semiconductor CY8C24223A-24PVXI Datasheet HTML 6Page - Cypress Semiconductor CY8C24223A-24PVXI Datasheet HTML 7Page - Cypress Semiconductor CY8C24223A-24PVXI Datasheet HTML 8Page - Cypress Semiconductor CY8C24223A-24PVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
CY8C24123A
CY8C24223A
CY8C24423A
Document Number: 38-12028 Rev. *R
Page 5 of 65
Additional System Resources
System resources, some of which are listed in the previous
sections, provide additional capability useful to complete
systems. Additional resources include a multiplier, decimator,
switch-mode pump, low-voltage detection, and power-on-reset
(POR). Statements describing the merits of each system
resource follow:
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks can be routed
to both the digital and analog systems. Additional clocks may
be generated using digital PSoC blocks as clock dividers.
A multiply accumulate (MAC) provides a fast 8-bit multiplier
with 32-bit accumulate, to assist in both general math and
digital filters.
The decimator provides a custom hardware filter for digital
signal processing applications including the creation of Delta
Sigma ADCs.
The I2C module provides 100- and 400-kHz communication
over two wires. slave, master, and multi-master are supported.
Low-voltage detection (LVD) interrupts can signal the appli-
cation of falling voltage levels, while the advanced POR circuit
eliminates the need for a system supervisor.
An internal 1.3 V reference provides an absolute reference for
the analog system, including ADCs and DACs.
An integrated switch-mode pump generates normal operating
voltages from a single 1.2 V battery cell, providing a low cost
boost converter.
PSoC Device Characteristics
Depending on your PSoC device characteristics, the digital and analog systems can have 16, 8, or 4 digital blocks, and 12, 6, or 4
analog blocks. Table 1 on page 5 lists the resources available for specific PSoC device groups. The PSoC device covered by this
datasheet is highlighted in this table.
Table 1. PSoC Device Characteristics
PSoC Part
Number
Digital
I/O
Digital
Rows
Digital
Blocks
Analog
Inputs
Analog
Outputs
Analog
Columns
Analog
Blocks
SRAM
Size
Flash
Size
CY8C29x66
up to 64
4
16
up to 12
4
4
12
2 K
32 K
CY8C28xxx
up to 44
up to 3
up to 12
up to 44
up to 4
up to 6
up to
12 + 4[1]
1 K
16 K
CY8C27x43
up to 44
2
8
up to 12
4
4
12
256
16 K
CY8C24x94
up to 56
1
4
up to 48
2
2
6
1 K
16 K
CY8C24x23A
up to 24
1
4
up to 12
2
2
6
256
4 K
CY8C23x33
up to 26
1
4
up to 12
2
2
4
256
8 K
CY8C22x45
up to 38
2
8
up to 38
0
4
6[1]
1 K
16 K
CY8C21x45
up to 24
1
4
up to 24
0
4
6[1]
512
8 K
CY8C21x34
up to 28
1
4
up to 28
0
2
4[1]
512
8 K
CY8C21x23
up to 16
1
4
up to 8
0
2
4[1]
256
4 K
CY8C20x34
up to 28
0
0
up to 28
0
0
3[1,2]
512
8 K
CY8C20xx6
up to 36
0
0
up to 36
0
0
3[1,2]
up to
2 K
up to
32 K
Notes
1. Limited analog functionality.
2. Two analog blocks and one CapSense®.


Similar Part No. - CY8C24223A-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24223A-24PVXI CYPRESS-CY8C24223A-24PVXI Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C24223A-24PVXI CYPRESS-CY8C24223A-24PVXI Datasheet
796Kb / 55P
   PSoC짰 Mixed-Signal Array
CY8C24223A-24PVXI CYPRESS-CY8C24223A-24PVXI Datasheet
1Mb / 55P
   PSoC Programmable System-on-Chip
CY8C24223A-24PVXIT CYPRESS-CY8C24223A-24PVXIT Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C24223A-24PVXIT CYPRESS-CY8C24223A-24PVXIT Datasheet
796Kb / 55P
   PSoC짰 Mixed-Signal Array
More results

Similar Description - CY8C24223A-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com