Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CMBR2010-24LQXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8CMBR2010-24LQXI
Description  CapSense짰 Express??10-Button Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CMBR2010-24LQXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8CMBR2010-24LQXI Datasheet HTML 6Page - Cypress Semiconductor CY8CMBR2010-24LQXI Datasheet HTML 7Page - Cypress Semiconductor CY8CMBR2010-24LQXI Datasheet HTML 8Page - Cypress Semiconductor CY8CMBR2010-24LQXI Datasheet HTML 9Page - Cypress Semiconductor CY8CMBR2010-24LQXI Datasheet HTML 10Page - Cypress Semiconductor CY8CMBR2010-24LQXI Datasheet HTML 11Page - Cypress Semiconductor CY8CMBR2010-24LQXI Datasheet HTML 12Page - Cypress Semiconductor CY8CMBR2010-24LQXI Datasheet HTML 13Page - Cypress Semiconductor CY8CMBR2010-24LQXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CY8CMBR2010
Document Number: 001-74495 Rev. *A
Page 10 of 31
Figure 12. Power-on LED Effect Sequence 3 with Two Button Design
Analog Voltage Support
A general external resistive network with a host processor is
shown in Figure 13.
Host can be configured to perform different functions based on
the voltage level at input pins. This is controlled by switches.
These switches can be controlled by CapSense buttons.
If enabled, GPOs replace these switches in the network.
GPOs are in Open Drain Low drive mode.
GPOs cannot be used for the resistive network and LED drive
simultaneously. Instead, the Backlighting pin acts as a GPO for
LED drive, controlled by all the CSx buttons.
If only one button needs to be ON for analog voltage support,
FSS should be enabled.
For CY8CMBR2010, a simple external resistive network is
shown in Figure 14.
Figure 13. A General External Resistive Network
Figure 14. Analog Voltage Support for CY8CMBR2010
GPO0 LED 
Brightness
300 
ms
300 
ms
Power on
350ms/
1000 ms
Normal 
Operation
Effects 
completed
GPO1 LED 
Brightness
300 
ms
300 
ms
1550 ms / 2200 ms
0%
0%
0%
100%
100%
Host Processor
VDD
VDD
R1
R2
R3
R4
R7
R6
R8
R5
Key 1
Key 2
Host Processor
VDD
VDD
R1
R2
R3
R4
R7
R6
R8
R5
Key 1
Key 2
GPO2
GPO1
GPO3
GPO4
GPO6
GPO5
GPO7
GPO8


Similar Part No. - CY8CMBR2010-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CMBR2010-24LQXI CYPRESS-CY8CMBR2010-24LQXI Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
CY8CMBR2010-24LQXIT CYPRESS-CY8CMBR2010-24LQXIT Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
More results

Similar Description - CY8CMBR2010-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2010 CYPRESS-CY8CMBR2010 Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110 Datasheet
1Mb / 68P
   CapSense짰 Express??10-Button Controller
CY8CMBR2016 CYPRESS-CY8CMBR2016 Datasheet
1Mb / 28P
   CapSense짰 Express??16 Button Matrix Controller
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com