Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3666AXI-037 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C3666AXI-037
Description  Programmable System-on-Chip (PSoC짰)
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3666AXI-037 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C3666AXI-037 Datasheet HTML 5Page - Cypress Semiconductor CY8C3666AXI-037 Datasheet HTML 6Page - Cypress Semiconductor CY8C3666AXI-037 Datasheet HTML 7Page - Cypress Semiconductor CY8C3666AXI-037 Datasheet HTML 8Page - Cypress Semiconductor CY8C3666AXI-037 Datasheet HTML 9Page - Cypress Semiconductor CY8C3666AXI-037 Datasheet HTML 10Page - Cypress Semiconductor CY8C3666AXI-037 Datasheet HTML 11Page - Cypress Semiconductor CY8C3666AXI-037 Datasheet HTML 12Page - Cypress Semiconductor CY8C3666AXI-037 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 131 page
background image
PSoC® 3: CY8C36 Family
Data Sheet
Document Number: 001-53413 Rev. *O
Page 9 of 131
Figure 2-7. Example Schematic for 100-pin TQFP Part With Power Connections
Note The two Vccd pins must be connected together with as short a trace as possible. A trace under the device is recommended, as
shown in Figure 2-8 on page 10.
Vssb
10
Ind
11
Vboost
12
Vbat
13
Vssd
14
XRES
15
Vcca
63
Vssa
64
Vdda
65
Vssd
66
SIO, P12[2]
67
SIO, P12[3]
68
P4[0]
69
P4[1]
70
OA2out, P0[0]
71
OA0out, P0[1]
72
OA0+, P0[2]
73
OA0-, REF0, P0[3]
74
Vddio0
75
P5[0]
16
P5[1]
17
P5[2]
18
P5[3]
19
P1[0], SWDIO, TMS
20
P1[1], SWDCK, TCK
21
P1[2]
22
P1[3], SWV, TDO
23
P1[4], TDI
24
P1[5], nTRST
25
P6[7]
9
P2[5]
1
P2[6]
2
P2[7]
3
P12[4], SIO
4
P12[5], SIO
5
P6[4]
6
P6[5]
7
P6[6]
8
OA1out, P3[6]
51
OA3out, P3[7]
52
SIO, P12[0]
53
SIO, P12[1]
54
kHzXout, P15[2]
55
kHzXin, P15[3]
56
NC
57
NC
58
NC
59
NC
60
NC
61
NC
62
Vssd
Vdda
Vcca
Vssd
Vssa
Vssa
Vssd
Vssd
Vssd
Vssd
0.1 uF
C8
Vssd
Vddd
Vddd
Vddd
Vddd
Vddd
Vssd
1 uF
C9
0.1 uF
C10
0.1 uF
C11
0.1 uF
C16
0.1 uF
C12
0.1 uF
C6
0.1 uF
C2
1 uF
C15
1 uF
C1
Vssd
Vddd
Vssd
Vdda
Vssd
Vccd
1 uF
C17
Vssa
Vdda


Similar Part No. - CY8C3666AXI-037

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3666AXI-037 CYPRESS-CY8C3666AXI-037 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C3666AXI-037 CYPRESS-CY8C3666AXI-037 Datasheet
4Mb / 126P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C3666AXI-037 CYPRESS-CY8C3666AXI-037 Datasheet
3Mb / 129P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3666AXI-037

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com