Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3245PVI-150 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C3245PVI-150
Description  Programmable System-on-Chip (PSoC짰)
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3245PVI-150 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C3245PVI-150 Datasheet HTML 1Page - Cypress Semiconductor CY8C3245PVI-150 Datasheet HTML 2Page - Cypress Semiconductor CY8C3245PVI-150 Datasheet HTML 3Page - Cypress Semiconductor CY8C3245PVI-150 Datasheet HTML 4Page - Cypress Semiconductor CY8C3245PVI-150 Datasheet HTML 5Page - Cypress Semiconductor CY8C3245PVI-150 Datasheet HTML 6Page - Cypress Semiconductor CY8C3245PVI-150 Datasheet HTML 7Page - Cypress Semiconductor CY8C3245PVI-150 Datasheet HTML 8Page - Cypress Semiconductor CY8C3245PVI-150 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 122 page
background image
PSoC® 3: CY8C32 Family
Data Sheet
Document Number: 001-56955 Rev. *N
Page 5 of 122
This enables the device to be powered directly from a single
battery or solar cell. In addition, you can use the boost converter
to generate other voltages required by the device, such as a
3.3-V supply for LCD glass drive. The boost’s output is available
on the VBOOST pin, allowing other devices in the application to
be powered from the PSoC.
PSoC supports a wide range of low-power modes. These include
a 200-nA hibernate mode with RAM retention and a 1-µA sleep
mode with RTC. In the second mode the optional 32.768-kHz
watch crystal runs continuously and maintains an accurate RTC.
Power to all major functional blocks, including the programmable
digital and analog peripherals, can be controlled independently
by firmware. This allows low-power background processing
when some peripherals are not in use. This, in turn, provides a
total device current of only 1.2 mA when the CPU is running at
6 MHz, or 0.8 mA running at 3 MHz.
The details of the PSoC power modes are covered in the “Power
System” section on page 29 of this datasheet.
PSoC uses JTAG (4-wire) or SWD (2-wire) interfaces for
programming, debug, and test. The 1-wire SWV may also be
used for “printf” style debugging. By combining SWD and SWV,
you can implement a full debugging interface with just three pins.
Using these standard interfaces enables you to debug or
program the PSoC with a variety of hardware solutions from
Cypress or third party vendors. PSoC supports on-chip break
points and 4-KB instruction and data race memory for debug.
Details of the programming, test, and debugging interfaces are
discussed in the “Programming, Debug Interfaces, Resources”
section on page 59 of this datasheet.
2. Pinouts
Each VDDIO pin powers a specific set of I/O pins. (The USBIOs
are powered from VDDD.) Using the VDDIO pins, a single PSoC
can support multiple voltage levels, reducing the need for
off-chip level shifters. The black lines drawn on the pinout
diagrams in Figure 2-3 through Figure 2-6 show the pins that are
powered by each VDDIO.
Each VDDIO may source up to 100 mA total to its associated I/O
pins, as shown in Figure 2-1.
Figure 2-1. VDDIO Current Limit
Conversely, for the 100-pin and 68-pin devices, the set of I/O
pins associated with any VDDIO may sink up to 100 mA total, as
shown in Figure 2-2.
Figure 2-2. I/O Pins Current Limit
For the 48-pin devices, the set of I/O pins associated with
VDDIO0 plus VDDIO2 may sink up to 100 mA total. The set of
I/O pins associated with VDDIO1 plus VDDIO3 may sink up to a
total of 100 mA.
PSoC
VDDIO X
IDDIO X = 100 mA
I/O Pins
PSoC
VDDIO X
Ipins = 100 mA
I/O Pins
VSSD


Similar Part No. - CY8C3245PVI-150

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3245PVI-150 CYPRESS-CY8C3245PVI-150 Datasheet
3Mb / 119P
   Programmable System-on-Chip (PSoC짰)
CY8C3245PVI-150 CYPRESS-CY8C3245PVI-150 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C3245PVI-150 CYPRESS-CY8C3245PVI-150 Datasheet
3Mb / 121P
   Programmable System-on-Chip (PSoC짰)
CY8C3245PVI-150 CYPRESS-CY8C3245PVI-150 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3245PVI-150

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com