Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20336H Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C20336H
Description  Haptics Enabled CapSense짰 Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20336H Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C20336H_12 Datasheet HTML 6Page - Cypress Semiconductor CY8C20336H_12 Datasheet HTML 7Page - Cypress Semiconductor CY8C20336H_12 Datasheet HTML 8Page - Cypress Semiconductor CY8C20336H_12 Datasheet HTML 9Page - Cypress Semiconductor CY8C20336H_12 Datasheet HTML 10Page - Cypress Semiconductor CY8C20336H_12 Datasheet HTML 11Page - Cypress Semiconductor CY8C20336H_12 Datasheet HTML 12Page - Cypress Semiconductor CY8C20336H_12 Datasheet HTML 13Page - Cypress Semiconductor CY8C20336H_12 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
CY8C20336H, CY8C20446H
Document Number: 001-56223 Rev. *D
Page 10 of 35
48-Pin QFN OCD
The 48-pin QFN part is for the CY8C20066A On-Chip Debug (OCD) PSoC device. Note that this part is only used for in-circuit
debugging.[9]
Table 3. Pin Definitions - CY8C20066A PSoC Device [10, 11]
Pin
No.
Name
Description
Figure 4. CY8C20066A PSoC Device
1
OCDOE
OCD mode direction pin
2
I/O
I
P2[7]
3
I/O
I
P2[5]
Crystal output (XOut)
4
I/O
I
P2[3]
Crystal input (XIn)
5
I/O
I
P2[1]
6
I/O
I
P4[3]
7
I/O
IP4[1]
8
I/O
I
P3[7]
9
I/O
I
P3[5]
10
I/O
I
P3[3]
11
I/O
I
P3[1]
12
IOHR
I
P1[7]
I2C SCL, SPI SS
13
IOHR
I
P1[5]
I2C SDA, SPI MISO
14
CCLK
OCD CPU clock output
15
HCLK
OCD high speed clock output
16
IOHR
I
P1[3]
SPI CLK.
17
IOHR
I
P1[1]
ISSP CLK[12], I2C SCL, SPI MOSI
18
Power
Vss
Ground connection
19
I/O
D+
USB D+
20
I/O
D-
USB D-
21
Power
VDD
Supply voltage
22
IOHR
I
P1[0]
ISSP DATA(12), I2C SDA, SPI CLK
23
IOHR
I
P1[2]
Pin
No.
Name
Description
24
IOHR
I
P1[4]
Optional external clock input
(EXTCLK)
37
IOH
I
P0[0]
25
IOHR
I
P1[6]
38
IOH
I
P0[2]
26
Input
XRES
Active high external reset with
internal pull down
39
IOH
I
P0[4]
27
I/O
I
P3[0]
40
IOH
I
P0[6]
28
I/O
IP3[2]
41
Power
VDD
Supply voltage
29
I/O
IP3[4]
42
OCDO
OCD even data I/O
30
I/O
IP3[6]
43
OCDE
OCD odd data output
31
I/O
I
P4[0]
44
IOH
I
P0[7]
32
I/O
I
P4[2]
45
IOH
I
P0[5]
33
I/O
I
P2[0]
46
IOH
I
P0[3]
Integrating input
34
I/O
I
P2[2]
47
Power
VSS
Ground connection
35
I/O
I
P2[4]
48
IOH
I
P0[1]
36
I/O
I
P2[6]
CP
Power
VSS
Center pad must be connected to ground
LEGEND A = Analog, I = Input, O = Output, NC = No Connection H = 5 mA High Output Drive, R = Regulated Output.
Notes
9. This part is available in limited quantities for In-Circuit Debugging during prototype development. It is not available in production volumes.
10. During power-up or reset event, device P1[1] and P1[0] may disturb the I2C bus. Use alternate pins if you encounter any issues.
11. The center pad (CP) on the QFN package must be connected to ground (Vss) for best mechanical, thermal, and electrical performance. If not connected to ground, it
must be electrically floated and not connected to any other signal.
12. These are the ISSP pins, which are not High Z at power on reset (POR).
QFN
(Top View)
10
11
12
AI, P2[7]
AI, XOut, P2[5]
AI, XIn , P2[3]
AI , P2[1]
AI , P4[3]
AI , P4[1]
AI , P3[7]
AI , P3[5]
AI , P3[3]
AI , P3[1]
AI, I2 C SCL, SPI SS, P1[7]
35
34
33
32
31
30
29
28
27
26
25
36
P2[4] ,AI
P2[2] ,AI
P2[0] ,AI
P4[2] ,AI
P4[0] ,AI
P3[6] ,AI
P3[4] , AI
P3[2] ,AI
P3[0] , AI
XRES
P1[6] , AI
P2[6] ,AI
1
2
3
4
5
6
7
8
9
OCDOE


Similar Part No. - CY8C20336H_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20336H-24LQXI CYPRESS-CY8C20336H-24LQXI Datasheet
831Kb / 33P
   Haptics Enabled CapSense Controller 1.71-V to 5.5-V operating range
More results

Similar Description - CY8C20336H_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430TCH5E TI1-MSP430TCH5E_14 Datasheet
856Kb / 68P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
MSP430TCH5E TI1-MSP430TCH5E Datasheet
854Kb / 67P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
logo
Semtech Corporation
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Microchip Technology
MTCH810 MICROCHIP-MTCH810 Datasheet
671Kb / 30P
   Haptics Controller
2012 11/29/12
logo
Semtech Corporation
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H Datasheet
831Kb / 33P
   Haptics Enabled CapSense Controller 1.71-V to 5.5-V operating range
logo
Semtech Corporation
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com