Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20224-12LKXIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C20224-12LKXIT
Description  CapSense짰 PSoC짰 Programmable System-on-Chip?
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20224-12LKXIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C20224-12LKXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C20224-12LKXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C20224-12LKXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20224-12LKXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20224-12LKXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20224-12LKXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20224-12LKXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20224-12LKXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20224-12LKXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
CY8C20224, CY8C20324
CY8C20424, CY8C20524
Document Number: 001-41947 Rev. *L
Page 4 of 41
Typical Application
Figure 2 illustrates a typical application: CapSense multimedia
keys for a notebook computer with a slider, four buttons, and four
LEDs.
Figure 2. CapSense Multimedia Button-Board Application
Additional System Resources
System resources, some of which are previously listed, provide
additional capability useful to complete systems. Additional
resources include low voltage detection (LVD) and power on
reset (POR). Brief statements describing the merits of each
system resource follow.
The I
2C slave and SPI master-slave module provides 50, 100,
or 400 kHz communication over two wires. SPI communication
over three or four wires runs at speeds of 46.9 kHz to 3 MHz
(lower for a slower system clock).
LVD interrupts signal the application of falling voltage levels,
while the advanced POR circuit eliminates the need for a
system supervisor.
An internal 1.8-V reference provides an absolute reference for
capacitive sensing.
The 5 V maximum input, 3 V fixed output, low dropout regulator
(LDO) provides regulation for I/Os. A register controlled bypass
mode enables the user to disable the LDO.
Getting Started
This datasheet is an overview of the PSoC integrated circuit and
presents specific pin, register, and electrical specifications.
For in depth information, along with detailed programming
details, see the PSoC® Technical Reference Manual.
For up-to-date ordering, packaging, and electrical specification
information, see the latest PSoC device datasheets on the web.
Application Notes
Cypress application notes are an excellent introduction to the
wide variety of possible PSoC designs.
Development Kits
PSoC Development Kits are available online from and through a
growing number of regional and global distributors, which
include Arrow, Avnet, Digi-Key, Farnell, Future Electronics, and
Newark.
Training
Free PSoC technical training (on demand, webinars, and
workshops), which is available online via www.cypress.com,
covers a wide variety of topics and skill levels to assist you in
your designs.
CYPros Consultants
Certified PSoC consultants offer everything from technical assis-
tance to completed PSoC designs. To contact or become a PSoC
consultant go to the CYPros Consultants web site.
Solutions Library
Visit our growing library of solution focused designs. Here you
can find various application designs that include firmware and
hardware design files that enable you to complete your designs
quickly.
Technical Support
Technical support – including a searchable Knowledge Base
articles and technical forums – is also available online. If you
cannot find an answer to your question, call our Technical
Support hotline at 1-800-541-4736.


Similar Part No. - CY8C20224-12LKXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20224-12LKXIT CYPRESS-CY8C20224-12LKXIT Datasheet
1Mb / 34P
   CapSense PSoC Programmable System-on-Chip
CY8C20224-12LKXIT CYPRESS-CY8C20224-12LKXIT Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20224-12LKXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20224 CYPRESS-CY8C20224_11 Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com