Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09289V-12AXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C09289V-12AXC
Description  3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09289V-12AXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C09289V-12AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C09289V-12AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C09289V-12AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C09289V-12AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C09289V-12AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C09289V-12AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C09289V-12AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C09289V-12AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C09289V-12AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CY7C09269V/79V/89V
CY7C09369V/89V
Document Number: 38-06056 Rev. *I
Page 5 of 22
Selection Guide
Specifications
CY7C09269V/79V/89V
CY7C09369V/89V
-7[10]
CY7C09269V/79V/89V
CY7C09369V/89V
-9
CY7C09269V/79V/89V
CY7C09369V/89V
-12
fMAX2 (MHz) (Pipelined)
83
67
50
Max. Access Time (ns) (Clock to Data, Pipelined)
7.5
9
12
Typical Operating Current ICC (mA)
155
135
115
Typical Standby Current for ISB1 (mA) (Both Ports TTL
Level)
25
20
20
Typical Standby Current for ISB3 (A) (Both Ports CMOS
Level)
10
10
10
Pin Definitions
Left Port
Right Port
Description
A0L–A15L
A0R–A15R
Address Inputs (A0–A14 for 32K, A0–A13 for 16K devices).
ADSL
ADSR
Address Strobe Input. Used as an address qualifier. This signal must be asserted LOW to access
the part using an externally supplied address. Asserting this signal LOW also loads the burst counter
with the address present on the address pins.
CE0L, CE1L
CE0R,CE1R
Chip Enable Input. To select either the left or right port, both CE0 AND CE1 must be asserted to their
active states (CE0  VIL and CE1 VIH).
CLKL
CLKR
Clock Signal. This input can be free running or strobed. Maximum clock input rate is fMAX.
CNTENL
CNTENR
Counter Enable Input. Asserting this signal LOW increments the burst address counter of its
respective port on each rising edge of CLK. CNTEN is disabled if ADS or CNTRST are asserted LOW.
CNTRSTL
CNTRSTR
Counter Reset Input. Asserting this signal LOW resets the burst address counter of its respective
port to zero. CNTRST is not disabled by asserting ADS or CNTEN.
I/O0L–I/O17L
I/O0R–I/O17R Data Bus Input/Output (I/O0–I/O15 for × 16 devices).
LBL
LBR
Lower Byte Select Input. Asserting this signal LOW enables read and write operations to the lower
byte. (I/O0–I/O8 for × 18, I/O0–I/O7 for × 16) of the memory array. For read operations both the LB and
OE signals must be asserted to drive output data on the lower byte of the data pins.
UBL
UBR
Upper Byte Select Input. Same function as LB, but to the upper byte (I/O8/9L–I/O15/17L).
OEL
OER
Output Enable Input. This signal must be asserted LOW to enable the I/O data pins during read
operations.
R/WL
R/WR
Read/Write Enable Input. This signal is asserted LOW to write to the dual port memory array. For
read operations, assert this pin HIGH.
FT/PIPEL
FT/PIPER
Flow Through/Pipelined Select Input. For flow through mode operation, assert this pin LOW. For
pipelined mode operation, assert this pin HIGH.
GND
Ground Input.
NC
No Connect.
VCC
Power Input.
Note
10. See Figure 4 on page 8 for Load Conditions.


Similar Part No. - CY7C09289V-12AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09289V-12AXC CYPRESS-CY7C09289V-12AXC Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09289V-12AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com