Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09359AV-9AXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C09359AV-9AXC
Description  3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09359AV-9AXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C09359AV-9AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CY7C09349AV
CY7C09359AV
Document Number: 001-63888 Rev. *A
Page 4 of 20
Pin Configuration
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
A8R
A9R
A10R
A11R
A12R
NC
CE0R
NC
UBR
CNTRSTR
R/WR
FT/PIPER
I/O17R
LBR
NC
GND
OER
GND
I/O16R
I/O15R
I/O14R
I/O13R
I/O12R
I/O11R
CE1R
58
57
56
55
54
53
52
51
A9L
A10L
A11L
A12L
NC
NC
CE1L
LBL
CE0L
R/WL
OEL
I/O17L
I/O16L
UBL
NC
VCC
FT/PIPEL
GND
I/O15L
I/O14L
I/O13L
1/012L
I/O11L
I/O10L
CNTRSTL
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
Figure 1. 100-pin TQFP (Top View)
[3]
[3]
CY7C09349AV (4 K × 18)
CY7C09359AV (8 K × 18)
Selection Guide
CY7C09349AV
CY7C09359AV
–9
CY7C09349AV
–12
fMAX2 (MHz) (pipelined)
67
50
Max access time (ns) (clock to data, pipelined)
9
12
Typical operating current ICC (mA)
135
115
Typical standby current for ISB1 (mA) (both ports TTL level)
20
20
Typical standby current for ISB3 (µA) (both ports CMOS level)
10
10
Note
3. This pin is NC for CY7C09349AV.


Similar Part No. - CY7C09359AV-9AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09359AV-9AC CYPRESS-CY7C09359AV-9AC Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09359AV-9AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com