Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1525KV18-300BZXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1525KV18-300BZXC
Description  72-Mbit QDR짰 II SRAM Two-Word Burst Architecture
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1525KV18-300BZXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1525KV18-300BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1525KV18-300BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1525KV18-300BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1525KV18-300BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1525KV18-300BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1525KV18-300BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1525KV18-300BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1525KV18-300BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1525KV18-300BZXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CY7C1525KV18
CY7C1512KV18
CY7C1514KV18
Document Number: 001-00436 Rev. *P
Page 8 of 34
Functional Overview
The CY7C1525KV18, CY7C1512KV18, and CY7C1514KV18
are synchronous pipelined Burst SRAMs with a read port and a
write port. The read port is dedicated to read operations and the
write port is dedicated to write operations. Data flows into the
SRAM through the write port and flows out through the read port.
These devices multiplex the address inputs to minimize the
number of address pins required. By having separate read and
write ports, the QDR II completely eliminates the need to turn
around the data bus and avoids any possible data contention,
thereby simplifying system design. Each access consists of two
9-bit data transfers in the case of CY7C1525KV18, two 18-bit
data transfers in the case of CY7C1512KV18, and two 36-bit
data transfers in the case of CY7C1514KV18 in one clock cycle.
This device operates with a read latency of one and half cycles
when DOFF pin is tied HIGH. When DOFF pin is set LOW or
connected to VSS then the device behaves in QDR I mode with
a read latency of one clock cycle.
Accesses for both ports are initiated on the rising edge of the
positive input clock (K). All synchronous input timing is refer-
enced from the rising edge of the input clocks (K and K) and all
output timing is referenced to the output clocks (C and C, or K
and K when in single clock mode).
All synchronous data inputs (D[x:0]) pass through input registers
controlled by the input clocks (K and K). All synchronous data
outputs (Q[x:0]) pass through output registers controlled by the
rising edge of the output clocks (C and C, or K and K when in
single clock mode).
All synchronous control (RPS, WPS, BWS[x:0]) inputs pass
through input registers controlled by the rising edge of the input
clocks (K and K).
CY7C1512KV18 is described in the following sections. The
same basic descriptions apply to CY7C1525KV18, and
CY7C1514KV18.
Read Operations
The CY7C1512KV18 is organized internally as two arrays of
2 M × 18. Accesses are completed in a burst of two sequential
18-bit data words. Read operations are initiated by asserting
RPS active at the rising edge of the positive input clock (K). The
address is latched on the rising edge of the K clock. The address
presented to the address inputs is stored in the read address
register. Following the next K clock rise, the corresponding
lowest order 18-bit word of data is driven onto the Q[17:0] using
C as the output timing reference. On the subsequent rising edge
of C, the next 18-bit data word is driven onto the Q[17:0]. The
requested data is valid 0.45 ns from the rising edge of the output
clock (C and C or K and K when in single clock mode).
Synchronous internal circuitry automatically tristates the outputs
following the next rising edge of the output clocks (C/C). This
enables for a seamless transition between devices without the
insertion of wait states in a depth expanded memory.
ZQ
Input
Output impedance matching input. This input is used to tune the device outputs to the system data
bus impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 × RQ, where RQ is a resistor
connected between ZQ and ground. Alternatively, connect this pin directly to VDDQ, which enables the
minimum impedance mode. This pin cannot be connected directly to GND or left unconnected.
DOFF
Input
PLL turn off
 Active LOW. Connecting this pin to ground turns off the PLL inside the device. The timing
in the operation with the PLL turned off differs from those listed in this data sheet. For normal operation,
connect this pin to a pull up through a 10 k
 or less pull up resistor. The device behaves in QDR I mode
when the PLL is turned off. In this mode, the device can be operated at a frequency of up to 167 MHz
with QDR I timing.
TDO
Output
Test data out (TDO) pin for JTAG.
TCK
Input
Test clock (TCK) pin for JTAG.
TDI
Input
Test data in (TDI) pin for JTAG.
TMS
Input
Test mode select (TMS) pin for JTAG.
NC
N/A
Not connected to the die. Can be tied to any voltage level.
NC/144M
Input
Not connected to the die. Can be tied to any voltage level.
NC/288M
Input
Not connected to the die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference voltage input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power Supply Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description


Similar Part No. - CY7C1525KV18-300BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1525KV18-300BZXC CYPRESS-CY7C1525KV18-300BZXC Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1525KV18-300BZXC CYPRESS-CY7C1525KV18-300BZXC Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1525KV18-300BZXC CYPRESS-CY7C1525KV18-300BZXC Datasheet
920Kb / 33P
   72-Mbit QDR II SRAM 2-Word Burst Architecture Two-word burst on all accesses
More results

Similar Description - CY7C1525KV18-300BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRS1542AV18 CYPRESS-CYRS1542AV18 Datasheet
512Kb / 33P
   72-Mbit QDR짰 II SRAM Two-Word Burst
CY7C1425KV18 CYPRESS-CY7C1425KV18_12 Datasheet
893Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1310KV18 CYPRESS-CY7C1310KV18 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1425KV18 CYPRESS-CY7C1425KV18_13 Datasheet
895Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CYRS1543AV18 CYPRESS-CYRS1543AV18 Datasheet
498Kb / 32P
   72-Mbit QDR짰 II SRAM Four-Word Burst
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com