Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09269V-12AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C09269V-12AXC
Description  3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09269V-12AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C09269V-12AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C09269V-12AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C09269V-12AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C09269V-12AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C09269V-12AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C09269V-12AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C09269V-12AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C09269V-12AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C09269V-12AXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CY7C09269V/79V/89V
CY7C09369V/89V
Document Number: 38-06056 Rev. *I
Page 9 of 22
Switching Characteristics
Over the Operating Range
Parameter
Description
CY7C09269V/79V/89V
CY7C09369V/89V
Unit
-7 [18]
-9
-12
Min
Max
Min
Max
Min
Max
fMAX1
fMax Flow Through
45
40
33
MHz
fMAX2
fMax Pipelined
–83
67–50
MHz
tCYC1
Clock Cycle Time - Flow Through
22
25
30
ns
tCYC2
Clock Cycle Time - Pipelined
12–15–20–
ns
tCH1
Clock HIGH Time - Flow Through
7.5
12
12
ns
tCL1
Clock LOW Time - Flow Through
7.5
12
12
ns
tCH2
Clock HIGH Time - Pipelined
5–6
–8–
ns
tCL2
Clock LOW Time - Pipelined
5–6
–8–
ns
tR
Clock Rise Time
–3–
3–3
ns
tF
Clock Fall Time
–3–
3–3
ns
tSA
Address Set-Up Time
4–4
–4–
ns
tHA
Address Hold Time
0–1
–1–
ns
tSC
Chip Enable Setup Time
4
4
4
ns
tHC
Chip Enable Hold Time
0
1
1
ns
tSW
R/W Set-Up Time
4–4
–4–
ns
tHW
R/W Hold Time
0–1
–1–
ns
tSD
Input Data Setup Time
4–4
–4–
ns
tHD
Input Data Hold Time
0–1
–1–
ns
tSAD
ADS Set-Up Time
4–4
–4–
ns
tHAD
ADS Hold Time
0–1
–1–
ns
tSCN
CNTEN Setup Time
4.5
5
5
ns
tHCN
CNTEN Hold Time
0–1
–1–
ns
tSRST
CNTRST Setup Time
4–4
–4–
ns
tHRST
CNTRST Hold Time
0–1
–1–
ns
tOE
Output Enable to Data Valid
–9–
10
12
ns
tOLZ
[19, 20]
OE to Low Z
2–2
–2–
ns
tOHZ
[19, 20]
OE to High Z
171
717
ns
tCD1
Clock to Data Valid - Flow Through
18
20
25
ns
tCD2
Clock to Data Valid - Pipelined
7.5
9
12
ns
tDC
Data Output Hold After Clock HIGH
2
2
2
ns
tCKHZ
[19, 20]
Clock HIGH to Output High Z
2
9
2
9
2
9
ns
tCKLZ
[19, 20]
Clock HIGH to Output Low Z
2
2
2
ns
Port to Port Delays
tCWDD
Write Port Clock HIGH to Read Data Delay
35
40
40
ns
tCCS
Clock to Clock Setup Time
10
15
15
ns
Notes
18. See Figure 4 on page 8 for Load Conditions.
19. Test conditions used are Load 2.
20. This parameter is guaranteed by design, but it is not production tested.


Similar Part No. - CY7C09269V-12AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09269V-12AXC CYPRESS-CY7C09269V-12AXC Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09269V-12AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com