Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C2565XV18-633BZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C2565XV18-633BZXC
Description  72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2565XV18-633BZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C2565XV18-633BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C2565XV18-633BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C2565XV18-633BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C2565XV18-633BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C2565XV18-633BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C2565XV18-633BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C2565XV18-633BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C2565XV18-633BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C2565XV18-633BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CY7C2563XV18, CY7C2565XV18
72-Mbit QDR® II+ Xtreme SRAM Four-Word
Burst Architecture (2.5 Cycle Read Latency) with ODT
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-68997 Rev. *B
Revised June 20, 2012
72-Mbit QDR® II+ Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Features
Separate independent read and write data ports
Supports concurrent transactions
633 MHz clock for high bandwidth
Four-word burst for reducing address bus frequency
Double data rate (DDR) interfaces on both read and write ports
(data transferred at 1266 MHz) at 633 MHz
Available in 2.5 clock cycle latency
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Echo clocks (CQ and CQ) simplify data capture in high-speed
systems
Data valid pin (QVLD) to indicate valid data on the output
On-die termination (ODT) feature
Supported for D[x:0], BWS[x:0], and K/K inputs
Single multiplexed address input bus latches address inputs
for read and write ports
Separate port selects for depth expansion
Synchronous internally self-timed writes
QDR
® II+ Xtreme operates with 2.5 cycle read latency when
DOFF is asserted HIGH
Operates similar to QDR I device with 1 cycle read latency when
DOFF is asserted LOW
Available in × 18, and × 36 configurations
Full data coherency, providing most current data
Core VDD = 1.8 V ± 0.1 V; I/O VDDQ = 1.4 V to 1.6 V
Supports 1.5 V I/O supply
HSTL inputs and variable drive HSTL output buffers
Available in 165-ball FBGA package (13 × 15 × 1.4 mm)
Offered in both Pb-free and non Pb-free packages
JTAG 1149.1 compatible test access port
Phase-locked loop (PLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.5 cycles
CY7C2563XV18 – 4 M × 18
CY7C2565XV18 – 2 M × 36
Functional Description
The
CY7C2563XV18
and
CY7C2565XV18
are
1.8 V
Synchronous Pipelined SRAMs, equipped with QDR II+
architecture. Similar to QDR II architecture, QDR II+ architecture
consists of two separate ports: the read port and the write port to
access the memory array. The read port has dedicated data
outputs to support read operations and the write port has
dedicated data inputs to support write operations. QDR II+
architecture has separate data inputs and data outputs to
completely eliminate the need to “turn-around” the data bus that
exists with common I/O devices. Each port is accessed through
a common address bus. Addresses for read and write addresses
are latched on alternate rising edges of the input (K) clock.
Accesses to the QDR II+ Xtreme read and write ports are
completely independent of one another. To maximize data
throughput, both read and write ports are equipped with DDR
interfaces. Each address location is associated with four 18-bit
words (CY7C2563XV18), or 36-bit words (CY7C2565XV18) that
burst sequentially into or out of the device. Because data is
transferred into and out of the device on every rising edge of both
input clocks (K and K), memory bandwidth is maximized while
simplifying system design by eliminating bus “turn-arounds”.
These devices have an on-die termination feature supported for
D[x:0], BWS[x:0], and K/K inputs, which helps eliminate external
termination resistors, reduce cost, reduce board area, and
simplify board routing.
Depth expansion is accomplished with port selects, which
enables each port to operate independently.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Selection Guide
Description
633 MHz
600 MHz
Unit
Maximum Operating Frequency
633
600
MHz
Maximum Operating Current
× 18
1165
1100
mA
× 36
1660
1570


Similar Part No. - CY7C2565XV18-633BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25652KV18 CYPRESS-CY7C25652KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25652KV18-400BZC CYPRESS-CY7C25652KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25652KV18-400BZC CYPRESS-CY7C25652KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25652KV18-400BZI CYPRESS-CY7C25652KV18-400BZI Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25652KV18-400BZI CYPRESS-CY7C25652KV18-400BZI Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2565XV18-633BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2562XV18 CYPRESS-CY7C2562XV18 Datasheet
406Kb / 27P
   72-Mbit QDR짰 II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18_13 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263XV18 CYPRESS-CY7C2263XV18 Datasheet
1Mb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com