Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09159AV Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C09159AV
Description  3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09159AV Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C09159AV_11 Datasheet HTML 1Page - Cypress Semiconductor CY7C09159AV_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C09159AV_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C09159AV_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C09159AV_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C09159AV_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C09159AV_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C09159AV_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C09159AV_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CY7C09159AV
Document Number: 38-06053 Rev. *E
Page 2 of 19
Functional Description
The CY7C09159AV is a high-speed synchronous CMOS 8 K × 9
dual-port static RAM. Two ports are provided, permitting
independent, simultaneous access for reads and writes to any
location in memory.[1] Registers on control, address, and data
lines allow for minimal setup and hold times. In pipelined output
mode, data is registered for decreased cycle time. Clock to data
valid tCD2 = 9 ns (pipelined). Flow-through mode can also be
used to bypass the pipelined output register to eliminate access
latency. In flow-through mode data will be available tCD1 = 20 ns
after the address is clocked into the device. Pipelined output or
flow-through mode is selected via the FT/Pipe pin.
Each port contains a burst counter on the input address register.
The internal write pulse width is independent of the
LOW- to-HIGH transition of the clock signal. The internal write
pulse is self-timed to allow the shortest possible cycle times.
A HIGH on CE0 or LOW on CE1 for one clock cycle will power
down the internal circuitry to reduce the static power
consumption. The use of multiple Chip Enables allows easier
banking of multiple chips for depth expansion configurations. In
the pipelined mode, one cycle is required with CE0 LOW and CE1
HIGH to reactivate the outputs.
Counter enable inputs are provided to stall the operation of the
address input and utilize the internal address generated by the
internal counter for fast interleaved memory applications. A
port’s burst counter is loaded with the port’s Address Strobe
(ADS). When the port’s Count Enable (CNTEN) is asserted, the
address counter will increment on each LOW-to-HIGH transition
of that port’s clock signal. This will read/write one word from/into
each successive address location until CNTEN is deasserted.
The counter can address the entire memory array and will loop
back to the start. Counter Reset (CNTRST) is used to reset the
burst counter.
All parts are available in 100-pin thin quad plastic flatpack
(TQFP) packages.
Note
1. When simultaneously writing to the same location, final value cannot be guaranteed.


Similar Part No. - CY7C09159AV_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159AV-12AC CYPRESS-CY7C09159AV-12AC Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV-12AC CYPRESS-CY7C09159AV-12AC Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV-12AXC CYPRESS-CY7C09159AV-12AXC Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09159AV_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com