Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1512KV18-333BZXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1512KV18-333BZXI
Description  72-Mbit QDR짰 II SRAM Two-Word Burst Architecture
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1512KV18-333BZXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1512KV18-333BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1512KV18-333BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1512KV18-333BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1512KV18-333BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1512KV18-333BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1512KV18-333BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1512KV18-333BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1512KV18-333BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1512KV18-333BZXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CY7C1525KV18
CY7C1512KV18
CY7C1514KV18
Document Number: 001-00436 Rev. *P
Page 7 of 34
Pin Definitions
Pin Name
I/O
Pin Description
D[x:0]
Input-
Synchronous
Data input signals. Sampled on the rising edge of K and K clocks during valid write operations.
CY7C1525KV18
 D[8:0]
CY7C1512KV18
 D[17:0]
CY7C1514KV18
 D[35:0]
WPS
Input-
Synchronous
Write Port Select
 Active LOW. Sampled on the rising edge of the K clock. When asserted active, a
write operation is initiated. Deasserting deselects the write port. Deselecting the write port ignores D[x:0].
BWS0,
BWS1,
BWS2,
BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2, and 3
 Active LOW. Sampled on the rising edge of the K and K clocks during
write operations. Used to select which byte is written into the device during the current portion of the
write operations. Bytes not written remain unaltered.
CY7C1525KV18
BWS0 controls D[8:0].
CY7C1512KV18
 BWS0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1514KV18
 BWS0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3
controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
Synchronous
Address inputs. Sampled on the rising edge of the K (read address) and K (write address) clocks during
active read and write operations. These address inputs are multiplexed for both read and write
operations. Internally, the device is organized as 8 M × 9 (2 arrays each of 4 M × 9) for CY7C1525KV18,
4 M × 18 (2 arrays each of 2 M × 18) for CY7C1512KV18, and 2 M × 36 (2 arrays each of 1 M × 36) for
CY7C1514KV18. Therefore, only 22 address inputs are needed to access the entire memory array of
CY7C1525KV18, 21 address inputs for CY7C1512KV18, and 20 address inputs for CY7C1514KV18.
These inputs are ignored when the appropriate port is deselected.
Q[x:0]
Output-
Synchronous
Data output signals. These pins drive out the requested data during a read operation. Valid data is
driven out on the rising edge of the C and C clocks during read operations, or K and K when in single
clock mode. When the read port is deselected, Q[x:0] are automatically tristated.
CY7C1525KV18
 Q[8:0]
CY7C1512KV18
 Q[17:0]
CY7C1514KV18
 Q[35:0]
RPS
Input-
Synchronous
Read Port Select
 Active LOW. Sampled on the rising edge of positive input clock (K). When active,
a read operation is initiated. Deasserting deselects the read port. When deselected, the pending access
is allowed to complete and the output drivers are automatically tristated following the next rising edge of
the C clock. Each read access consists of a burst of two sequential transfers.
C
Input Clock Positive input clock for output data. C is used in conjunction with C to clock out the read data from
the device. Use C and C together to deskew the flight times of various devices on the board back to the
controller. See Application Example on page 10 for further details.
C
Input Clock Negative input clock for output data. C is used in conjunction with C to clock out the read data from
the device. Use C and C together to deskew the flight times of various devices on the board back to the
controller. See Application Example on page 10 for further details.
K
Input Clock Positive input clock input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising
edge of K.
K
Input Clock Negative input clock input. K is used to capture synchronous inputs being presented to the device and
to drive out data through Q[x:0] when in single clock mode.
CQ
Echo Clock CQ referenced with respect to C. This is a free running clock and is synchronized to the input clock
for output data (C) of the QDR II. In single clock mode, CQ is generated with respect to K. The timing
for the echo clocks is shown in Switching Characteristics on page 25.
CQ
Echo Clock CQ referenced with respect to C. This is a free running clock and is synchronized to the input clock
for output data (C) of the QDR II. In single clock mode, CQ is generated with respect to K. The timing
for the echo clocks is shown in the Switching Characteristics on page 25.


Similar Part No. - CY7C1512KV18-333BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1512KV18-333BZXI CYPRESS-CY7C1512KV18-333BZXI Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1512KV18-333BZXI CYPRESS-CY7C1512KV18-333BZXI Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1512KV18-333BZXI CYPRESS-CY7C1512KV18-333BZXI Datasheet
920Kb / 33P
   72-Mbit QDR II SRAM 2-Word Burst Architecture Two-word burst on all accesses
More results

Similar Description - CY7C1512KV18-333BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRS1542AV18 CYPRESS-CYRS1542AV18 Datasheet
512Kb / 33P
   72-Mbit QDR짰 II SRAM Two-Word Burst
CY7C1425KV18 CYPRESS-CY7C1425KV18_12 Datasheet
893Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1310KV18 CYPRESS-CY7C1310KV18 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1425KV18 CYPRESS-CY7C1425KV18_13 Datasheet
895Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CYRS1543AV18 CYPRESS-CYRS1543AV18 Datasheet
498Kb / 32P
   72-Mbit QDR짰 II SRAM Four-Word Burst
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com