Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C2563XV18-633BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C2563XV18-633BZC
Description  72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2563XV18-633BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C2563XV18-633BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C2563XV18-633BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C2563XV18-633BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C2563XV18-633BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C2563XV18-633BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C2563XV18-633BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C2563XV18-633BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C2563XV18-633BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C2563XV18-633BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CY7C2563XV18, CY7C2565XV18
Document Number: 001-68997 Rev. *B
Page 8 of 29
select input can deselect the specified port. Deselecting a port
does not affect the other port. All pending transactions (read and
write) are completed before the device is deselected.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin
on the SRAM and VSS to allow the SRAM to adjust its output
driver impedance. The value of RQ must be 5 × the value of the
intended line impedance driven by the SRAM, the allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15% is between 175
 and 350 , with V
DDQ =1.5 V. The
output impedance is adjusted every 1024 cycles upon power up
to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the QDR II+ Xtreme to simplify data
capture on high-speed systems. Two echo clocks are generated
by the QDR II+ Xtreme. CQ is referenced with respect to K and
CQ is referenced with respect to K. These are free-running
clocks and are synchronized to the input clock of the QDR II+
Xtreme. The timing for the echo clocks is shown in the Switching
Characteristics on page 23.
Valid Data Indicator (QVLD)
QVLD is provided on the QDR II+ Xtreme to simplify data capture
on high speed systems. The QVLD is generated by the QDR II+
Xtreme device along with data output. This signal is also
edge-aligned with the echo clock and follows the timing of any
data pin. This signal is asserted half a cycle before valid data
arrives.
On-Die Termination (ODT)
These devices have an on-die termination feature for Data inputs
(D[x:0]), Byte Write Selects (BWS[x:0]), and Input Clocks (K and
K). The termination resistors are integrated within the chip. The
ODT range selection is enabled through ball R6 (ODT pin). The
ODT termination tracks value of RQ where RQ is the resistor tied
to the ZQ pin. ODT range selection is made during power up
initialization. A LOW on this pin selects a low range that follows
RQ/3.33 for 175
< RQ < 350 (where RQ is the resistor tied
to ZQ pin)
A HIGH on this pin selects a high range that follows
RQ/1.66 for 175
< RQ < 250 (where RQ is the resistor tied
to ZQ pin). When left floating, a high range termination value is
selected by default. For a detailed description on the ODT
implementation, see the application note, On-Die Termination for
QDRII+/DDRII+ SRAMs.
PLL
These chips use a PLL that is designed to function between
120 MHz and the specified maximum clock frequency. During
power up, when the DOFF is tied HIGH, the PLL is locked after
100
s of stable clock. The PLL can also be reset by slowing or
stopping the input clocks K and K for a minimum of 30 ns.
However, it is not necessary to reset the PLL to lock to the
desired frequency. The PLL automatically locks 100
s after a
stable clock is presented. The PLL may be disabled by applying
ground to the DOFF pin. When the PLL is turned off, the device
behaves in QDR I mode (with one cycle latency and a longer
access time). For information, see the application note, PLL
Considerations in QDRII/DDRII/QDRII+/DDRII+ SRAMs.
Application Example
Figure 2 shows two QDR II+ Xtreme used in an application.
Figure 2. Application Example
BUS MASTER
(CPU or ASIC)
DATA IN
DATA OUT
Address
Source K
Source K
Vt
Vt
Vt
R
R
D
A
K
SRAM #2
RQ = 250 ohms
ZQ
CQ/CQ
Q
K
RPS WPS BWS
D
A
K
SRAM #1
RQ = 250 ohms
ZQ
CQ/CQ
Q
K
RPS WPS BWS
RPS
WPS
BWS
CLKIN1/CLKIN1
R = 50ohms, Vt = V
/2
DDQ
R
ODT
ODT
ODT
R
CLKIN2/CLKIN2


Similar Part No. - CY7C2563XV18-633BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18-400BZC CYPRESS-CY7C25632KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18-400BZC CYPRESS-CY7C25632KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18-400BZXI CYPRESS-CY7C25632KV18-400BZXI Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2563XV18-633BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2562XV18 CYPRESS-CY7C2562XV18 Datasheet
406Kb / 27P
   72-Mbit QDR짰 II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18_13 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263XV18 CYPRESS-CY7C2263XV18 Datasheet
1Mb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com