Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C2563XV18 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C2563XV18
Description  72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2563XV18 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C2563XV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 11Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 13Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
CY7C2563XV18, CY7C2565XV18
Document Number: 001-68997 Rev. *B
Page 10 of 29
Write Cycle Descriptions
The write cycle description table for CY7C2565XV18 follows. [12, 13]
BWS0
BWS1
BWS2
BWS3
K
K
Comments
LLLL
L–H
During the data portion of a write sequence, all four bytes (D[35:0]) are written into
the device.
LLLL
L–H During the data portion of a write sequence, all four bytes (D[35:0]) are written into
the device.
L
H
H
H
L–H
During the data portion of a write sequence, only the lower byte (D[8:0]) is written
into the device. D[35:9] remains unaltered.
L
H
H
H
L–H During the data portion of a write sequence, only the lower byte (D[8:0]) is written
into the device. D[35:9] remains unaltered.
H
L
H
H
L–H
During the data portion of a write sequence, only the byte (D[17:9]) is written into
the device. D[8:0] and D[35:18] remains unaltered.
H
L
H
H
L–H During the data portion of a write sequence, only the byte (D[17:9]) is written into
the device. D[8:0] and D[35:18] remains unaltered.
H
H
L
H
L–H
During the data portion of a write sequence, only the byte (D[26:18]) is written into
the device. D[17:0] and D[35:27] remains unaltered.
H
H
L
H
L–H During the data portion of a write sequence, only the byte (D[26:18]) is written into
the device. D[17:0] and D[35:27] remains unaltered.
H
H
H
L
L–H
During the data portion of a write sequence, only the byte (D[35:27]) is written into
the device. D[26:0] remains unaltered.
H
H
H
L
L–H During the data portion of a write sequence, only the byte (D[35:27]) is written into
the device. D[26:0] remains unaltered.
HHHH
L–H
No data is written into the device during this portion of a write operation.
HHHH
L–H No data is written into the device during this portion of a write operation.
Notes
12. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
13. Is based on a write cycle that was initiated in accordance with the Truth Table on page 9. BWS0, BWS1, BWS2, and BWS3 can be altered on different portions of a
write cycle, as long as the setup and hold requirements are achieved.


Similar Part No. - CY7C2563XV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18-400BZC CYPRESS-CY7C25632KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18-400BZC CYPRESS-CY7C25632KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18-400BZXI CYPRESS-CY7C25632KV18-400BZXI Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2563XV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2562XV18 CYPRESS-CY7C2562XV18 Datasheet
406Kb / 27P
   72-Mbit QDR짰 II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18_13 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263XV18 CYPRESS-CY7C2263XV18 Datasheet
1Mb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com