Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1650KV18-400BZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1650KV18-400BZC
Description  144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1650KV18-400BZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1650KV18-400BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1650KV18-400BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1650KV18-400BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1650KV18-400BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1650KV18-400BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1650KV18-400BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1650KV18-400BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1650KV18-400BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1650KV18-400BZC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CY7C1648KV18
CY7C1650KV18
Document Number: 001-44061 Rev. *H
Page 7 of 30
Functional Overview
The CY7C1648KV18, and CY7C1650KV18 are synchronous
pipelined burst SRAMs equipped with a DDR interface, which
operates with a read latency of two cycles when DOFF pin is tied
high. When DOFF pin is set low or connected to VSS the device
behaves in DDR I mode with a read latency of one clock cycle.
Accesses are initiated on the rising edge of the positive input
clock (K). All synchronous input and output timing is referenced
from the rising edge of the input clocks (K and K).
All synchronous data inputs (D[x:0]) pass through input registers
controlled by the rising edge of the input clocks (K and K). All
synchronous data outputs (Q[x:0]) pass through output registers
controlled by the rising edge of the input clocks (K and K).
All synchronous control (R/W, LD, BWS[X:0]) inputs pass through
input registers controlled by the rising edge of the input clock (K).
CY7C1648KV18 is described in the following sections. The
same basic descriptions apply to CY7C1650KV18.
Read Operations
The CY7C1648KV18 is organized internally as two arrays of
4 M × 18. Accesses are completed in a burst of two sequential
18-bit data words. Read operations are initiated by asserting
R/W high and LD low at the rising edge of the positive input clock
(K). The address presented to the address inputs is stored in the
read address register. Following the next two K clock rise, the
corresponding 18-bit word of data from this address location is
driven onto the Q[17:0] using K as the output timing reference. On
the subsequent rising edge of K, the next 18-bit data word is
driven onto the Q[17:0]. The requested data is valid 0.45 ns from
the rising edge of the input clock (K and K). To maintain the
internal logic, each read access must be allowed to complete.
Read accesses can be initiated on every rising edge of the
positive input clock (K).
When read access is deselected, the CY7C1648KV18 first
completes the pending read transactions. Synchronous internal
circuitry automatically tristates the output following the next rising
edge of the positive input clock (K). This enables a transition
between devices without the insertion of wait states in a depth
expanded memory.
Write Operations
Write operations are initiated by asserting R/W low and LD low
at the rising edge of the positive input clock (K). The address
presented to address inputs is stored in the write address
register. On the following K clock rise, the data presented to
D[17:0] is latched and stored into the 18-bit write data register,
provided BWS[1:0] are both asserted active. On the subsequent
rising edge of the negative input clock (K) the information
presented to D[17:0] is also stored into the write data register,
provided BWS[1:0] are both asserted active. The 36 bits of data
are then written into the memory array at the specified location.
Write accesses can be initiated on every rising edge of the
positive input clock (K). The data flow is pipelined such that 18
bits of data can be transferred into the device on every rising
edge of the input clocks (K and K).
When the write access is deselected, the device ignores all
inputs after the pending write operations have been completed.
Byte Write Operations
Byte write operations are supported by the CY7C1648KV18. A
write operation is initiated as described in the Write Operations
section. The bytes that are written are determined by BWS0 and
BWS1, which are sampled with each set of 18-bit data words.
Asserting the appropriate Byte Write Select input during the data
portion of a write latches the data being presented and writes it
into the device. Deasserting the Byte Write Select input during
the data portion of a write enables the data stored in the device
for that byte to remain unaltered. This feature is used to simplify,
read, modify, or write operations to a byte write operation.
DDR Operation
The CY7C1648KV18 enables high performance operation
through high clock frequencies (achieved through pipelining) and
DDR mode of operation. The CY7C1648KV18 requires two No
Operation (NOP) cycle during transition from a read to a write
cycle. At higher frequencies, some applications require a third
NOP cycle to avoid contention.
If a read occurs after a write cycle, address and data for the write
are stored in registers. The write information is stored because
the SRAM cannot perform the last word write to the array without
conflicting with the read. The data stays in this register until the
next write cycle occurs. On the first write cycle after the read(s),
the stored data from the earlier write is written into the SRAM
array. This is called a Posted write.
If a read is performed on the same address on which a write is
performed in the previous cycle, the SRAM reads out the most
current data. The SRAM does this by bypassing the memory
array and reading the data from the registers.
Depth Expansion
Depth expansion requires replicating the LD control signal for
each bank. All other control signals can be common between
banks as appropriate.
Programmable Impedance
Connect an external resistor, RQ, between the ZQ pin on the
SRAM and VSS to enable the SRAM to adjust its output driver
impedance. The value of RQ is 5 times the value of the intended
line impedance driven by the SRAM. The allowable range of RQ
to guarantee impedance matching with a tolerance of
±15 percent is between 175
 and 350 , with VDDQ =1.5 V.
The output impedance is adjusted every 1024 cycles upon power
up to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the DDR II+ to simplify data capture
on high speed systems. Two echo clocks are generated by the
DDR II+. CQ is referenced with respect to K and CQ is
referenced with respect to K. These are free-running clocks and
are synchronized to the input clock of the DDR II+. The timing for
the echo clocks is shown in the Switching Characteristics on
page 23.
Valid Data Indicator (QVLD)
QVLD is provided on the DDR II+ to simplify data capture on high
speed systems. The QVLD is generated by the DDR II+ device
along with data output. This signal is also edge aligned with the


Similar Part No. - CY7C1650KV18-400BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1650KV18-450BZC CYPRESS-CY7C1650KV18-450BZC Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1650KV18-400BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18 CYPRESS-CY7C1648KV18 Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C2644KV18 CYPRESS-CY7C2644KV18 Datasheet
840Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2642KV18 CYPRESS-CY7C2642KV18 Datasheet
885Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com