Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1470V25-200BZI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1470V25-200BZI
Description  72-Mbit (2 M 횞 36/4 M 횞 18/1 M 횞 72) Pipelined SRAM with NoBL??Architecture
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1470V25-200BZI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1470V25-200BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1470V25-200BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1470V25-200BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1470V25-200BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1470V25-200BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1470V25-200BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1470V25-200BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1470V25-200BZI Datasheet HTML 12Page - Cypress Semiconductor CY7C1470V25-200BZI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
CY7C1470V25
CY7C1472V25
CY7C1474V25
Document Number: 38-05290 Rev. *O
Page 9 of 38
Pin Definitions
Pin Name
I/O Type
Pin Description
A0, A1, A
Input-
synchronous
Address inputs used to select one of the address locations. Sampled at the rising edge of the CLK.
BWa, BWb,
BWc, BWd,
BWe, BWf,
BWg, BWh
Input-
synchronous
Byte write select inputs, active LOW. Qualified with WE to conduct writes to the SRAM. Sampled on
the rising edge of CLK. BWa controls DQa and DQPa, BWb controls DQb and DQPb, BWc controls DQc
and DQPc, BWd controls DQd and DQPd, BWe controls DQe and DQPe, BWf controls DQf and DQPf,
BWg controls DQg and DQPg, BWh controls DQh and DQPh.
WE
Input-
synchronous
Write enable input, active LOW. Sampled on the rising edge of CLK if CEN is active LOW. This signal
must be asserted LOW to initiate a write sequence.
ADV/LD
Input-
synchronous
Advance/load input used to advance the on-chip address counter or load a new address. When
HIGH (and CEN is asserted LOW) the internal burst counter is advanced. When LOW, a new address
can be loaded into the device for an access. After being deselected, ADV/LD should be driven LOW in
order to load a new address.
CLK
Input-
clock
Clock input. Used to capture all synchronous inputs to the device. CLK is qualified with CEN. CLK is
only recognized if CEN is active LOW.
CE1
Input-
synchronous
Chip enable 1 input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE2
and CE3 to select/deselect the device.
CE2
Input-
synchronous
Chip enable 2 input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with CE1
and CE3 to select/deselect the device.
CE3
Input-
synchronous
Chip enable 3 input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE1
and CE2 to select/deselect the device.
OE
Input-
asynchronous
Output enable, active LOW. Combined with the synchronous logic block inside the device to control
the direction of the I/O pins. When LOW, the I/O pins are allowed to behave as outputs. When deasserted
HIGH, I/O pins are tri-stated, and act as input data pins. OE is masked during the data portion of a write
sequence, during the first clock when emerging from a deselected state and when the device has been
deselected.
CEN
Input-
synchronous
Clock enable input, active LOW. When asserted LOW the clock signal is recognized by the SRAM.
When deasserted HIGH the clock signal is masked. Since deasserting CEN does not deselect the device,
CEN can be used to extend the previous cycle when required.
DQs
I/O-
synchronous
Bidirectional data I/O lines. As inputs, they feed into an on-chip data register that is triggered by the
rising edge of CLK. As outputs, they deliver the data contained in the memory location specified by A[18:0]
during the previous clock rise of the read cycle. The direction of the pins is controlled by OE and the
internal control logic. When OE is asserted LOW, the pins can behave as outputs. When HIGH, DQa–DQh
are placed in a tri-state condition. The outputs are automatically tri-stated during the data portion of a write
sequence, during the first clock when emerging from a deselected state, and when the device is deselected,
regardless of the state of OE.
DQPX
I/O-
synchronous
Bidirectional data parity I/O lines. Functionally, these signals are identical to DQ[71:0]. During write
sequences, DQPa is controlled by BWa, DQPb is controlled by BWb, DQPc is controlled by BWc, and
DQPd is controlled by BWd, DQPe is controlled by BWe, DQPf is controlled by BWf, DQPg is controlled
by BWg, DQPh is controlled by BWh.
MODE
Input strap pin Mode input. Selects the burst order of the device. Tied HIGH selects the interleaved burst order. Pulled
LOW selects the linear burst order. MODE should not change states during operation. When left floating
MODE will default HIGH, to an interleaved burst order.
TDO
JTAG serial
output
synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK.
TDI
JTAG serial
input
synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK.


Similar Part No. - CY7C1470V25-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1470V25-200BZI CYPRESS-CY7C1470V25-200BZI Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V25-200BZI CYPRESS-CY7C1470V25-200BZI Datasheet
878Kb / 31P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V25-200BZI CYPRESS-CY7C1470V25-200BZI Datasheet
506Kb / 39P
   72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBL™ Architecture
June 27, 2013
More results

Similar Description - CY7C1470V25-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_12 Datasheet
1,000Kb / 31P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_13 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1480BV33 CYPRESS-CY7C1480BV33_12 Datasheet
1,015Kb / 33P
   72-Mbit (2 M 횞 36/4 M 횞 18) Pipelined Sync SRAM
CY7C1471V33 CYPRESS-CY7C1471V33_12 Datasheet
680Kb / 22P
   72-Mbit (2 M 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D CYPRESS-CY7C1372D_12 Datasheet
968Kb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_12 Datasheet
442Kb / 24P
   36-Mbit (1 M 횞 36/2 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1484BV25 CYPRESS-CY7C1484BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
CY7C1484BV33 CYPRESS-CY7C1484BV33 Datasheet
923Kb / 30P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com