Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1321KV18-250BZXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1321KV18-250BZXC
Description  18-Mbit DDR II SRAM Four-Word Burst Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1321KV18-250BZXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1321KV18-250BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1321KV18-250BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1321KV18-250BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1321KV18-250BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1321KV18-250BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1321KV18-250BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1321KV18-250BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1321KV18-250BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1321KV18-250BZXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CY7C1319KV18, CY7C1321KV18
Document Number: 001-58906 Rev. *E
Page 6 of 31
Functional Overview
The CY7C1319KV18, and CY7C1321KV18 are synchronous
pipelined Burst SRAMs equipped with a DDR interface, which
operates with a read latency of one and half cycles when DOFF
pin is tied HIGH. When DOFF pin is set LOW or connected to
VSS the device behaves in DDR I mode with a read latency of
one clock cycle.
Accesses are initiated on the rising edge of the positive input
clock (K). All synchronous input timing is referenced from the
rising edge of the input clocks (K and K) and all output timing is
referenced to the rising edge of the output clocks (C/C, or K/K
when in single clock mode).
All synchronous data inputs (D[x:0]) pass through input registers
controlled by the rising edge of the input clocks (K and K). All
synchronous data outputs (Q[x:0]) pass through output registers
controlled by the rising edge of the output clocks (C/C, or K/K
when in single-clock mode).
All synchronous control (R/W, LD, BWS[0:X]) inputs pass through
input registers controlled by the rising edge of the input clock (K).
CY7C1319KV18 is described in the following sections. The
same basic descriptions apply to CY7C1321KV18.
Read Operations
The CY7C1319KV18 is organized internally as four arrays of
256 K × 18. Accesses are completed in a burst of four sequential
18-bit data words. Read operations are initiated by asserting
R/W HIGH and LD LOW at the rising edge of the positive input
clock (K). The address presented to address inputs is stored in
the read address register and the least two significant bits of the
address are presented to the burst counter. The burst counter
increments the address in a linear fashion. Following the next K
clock rise, the corresponding 18-bit word of data from this
address location is driven onto Q[17:0], using C as the output
timing reference. On the subsequent rising edge of C the next
18-bit data word from the address location generated by the
burst counter is driven onto Q[17:0]. This process continues until
all four 18-bit data words are driven out onto Q[17:0]. The
requested data is valid 0.45 ns from the rising edge of the output
clock (C or C, or K and K when in single clock mode for 250 MHz
device). To maintain the internal logic, each read access must be
allowed to complete. Each read access consists of four 18-bit
data words and takes two clock cycles to complete. Therefore,
read accesses to the device cannot be initiated on two consec-
utive K clock rises. The internal logic of the device ignores the
second read request. Read accesses can be initiated on every
other K clock rise. Doing so pipelines the data flow such that data
is transferred out of the device on every rising edge of the output
clocks (C/C or K/K when in single-clock mode).
The
CY7C1319KV18
first
completes
the
pending
read
transactions, when read access is deselected. Synchronous
internal circuitry automatically tristates the output following the
next rising edge of the positive output clock (C). This enables a
seamless transition between devices without the insertion of wait
states in a depth expanded memory.
DOFF
Input
PLL turn off
Active LOW. Connecting this pin to ground turns off the PLL inside the device. The timing
in the PLL turned off operation is different from that listed in this data sheet. For normal operation, this
pin is connected to a pull up through a 10 K ohm or less pull up resistor. The device behaves in DDR I
mode when the PLL is turned off. In this mode, the device can be operated at a frequency of up to
167 MHz with DDR I timing.
TDO
Output
TDO pin for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG.
TMS
Input
TMS pin for JTAG.
NC
N/A
Not connected to the die. Can be tied to any voltage level.
NC/36M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/72M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/144M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/288M
N/A
Not connected to the die. Can be tied to any voltage level.
VREF
Input-
reference
Reference voltage input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power supply Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description


Similar Part No. - CY7C1321KV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1321KV18-250BZXC CYPRESS-CY7C1321KV18-250BZXC Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1321KV18-250BZXC CYPRESS-CY7C1321KV18-250BZXC Datasheet
779Kb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture 333-MHz clock for high bandwidth
CY7C1321KV18-250BZXC CYPRESS-CY7C1321KV18-250BZXC Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
More results

Similar Description - CY7C1321KV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1521KV18 CYPRESS-CY7C1521KV18 Datasheet
747Kb / 29P
   72-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317AV18 CYPRESS-CY7C1317AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com